Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APU3073 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # APU3073
Description  SYNCHRONOUS PWM CONTROLLER WITH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU3073 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  APU3073 Datasheet HTML 1Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 2Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 3Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 4Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 5Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 6Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 7Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 8Page - Advanced Power Electronics Corp. APU3073 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
APU3073
200815061-1/17
Data and specifications subject to change without notice.
DESCRIPTION
The APU3073 controller IC is designed to provide a low
cost synchronous Buck regulator for on-board DC to DC
converter for multiple output applications.
The outputs can be programmed as low as 0.8V for low
voltage applications.
Selectable over-current protection is provided by using
external MOSFET's on-resistance for optimum cost and
performance.
This device features a programmable frequency set from
200KHz to 400KHz, under-voltage lockout for all input
supplies, an external programmable soft-start function
as well as output under-voltage detection that latches
off the device when an output short is detected.
Synchronous Controller plus one LDO controller
Current Limit using MOSFET Sensing
Single 5V/12V Supply Operation
Programmable Switching Frequency up to
400KHz
Soft-Start Function
Fixed Frequency Voltage Mode
Precision Reference Voltage Available
Uncommitted Error Amplifier available for DDR
voltage tracking application
PACKAGE ORDER INFORMATION
FEATURES
SYNCHRONOUS PWM CONTROLLER WITH
OVER-CURRENT PROTECTION / LDO CONTROLLER
APPLICATIONS
DDR memory source sink VTT application
Low cost on-board DC to DC such as
12V/5V to output voltages as low as 0.8V
Graphic Card
Hard Disk Drive
Multi-Output Applications
RoHS Compliant
TA (°C)
DEVICE
PACKAGE
0 To 70
APU3073O
16-Pin TSSOP
Technology Licensed from International Rectifier
Figure 1 - Typical application of APU3073.
TYPICAL APPLICATION
APU3073
U1
Vcc
VcL
HDrv
LDrv
Fb1
Gnd
Comp
SS/SD
VOUT1
Rt
+5V
OCSet
PGnd
Drv2
Fb2
3.3V
VOUT2
Q1
C2
C11
C9
C1
C6
C7
C10
L2
L1
Q4
Q5
R1
R2
R8
R9
R7
R10
R11
VcH
VP1
VREF
12V
C3
0.1uF
C4
D1


Similar Part No. - APU3073

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
APU3006-F3 VISHAY-APU3006-F3 Datasheet
231Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 24-May-11
APU3006-F3 VISHAY-APU3006-F3 Datasheet
228Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 15-Aug-11
APU3006-F3 VISHAY-APU3006-F3_12 Datasheet
228Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 15-Aug-11
APU3006-N3 VISHAY-APU3006-N3 Datasheet
228Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 15-Aug-11
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - APU3073

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Anachip Corp
AP2011 ANACHIP-AP2011 Datasheet
201Kb / 9P
   Synchronous PWM with VFC Controller
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com