Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3203 Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G3203
Description  0.9/ 1 Dual SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3203 Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G3203 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G3203 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ver: 0.7
Jan 29, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G3203
Global Mixed-mode Technology Inc.
Figure 3. Charge Injection
Figure 4. On-Loss, Off- Isolation, and Crosstalk
Figure 5. Channel Off/On Capacitance
NETWORK ANALYZER
50
Ω
50
Ω
+5V
10nF
V
IN
V
OUT
COM
NO
GND
50
Ω
0V or V+
NC_
IN_
V+
MEAS
50
Ω
50
Ω
REF
OFF-ISOLATIOIN = 20 log
V
OUT
V
IN
ON-LOSS = 20 log
V
OUT
V
IN
CROSSTALK = 20 log
V
OUT
V
IN
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND “OFF” NO_ OR NC_ TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM_ AND “ON” NO_ OR NC_ TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
NETWORK ANALYZER
50
Ω
50
Ω
+5V
10nF
V
IN
V
OUT
COM
NO
GND
50
Ω
0V or V+
NC_
IN_
V+
MEAS
50
Ω
50
Ω
REF
OFF-ISOLATIOIN = 20 log
V
OUT
V
IN
ON-LOSS = 20 log
V
OUT
V
IN
CROSSTALK = 20 log
V
OUT
V
IN
MEASUREMENTS ARE STANDARDIZED AGAINST SHORTS AT IC TERMINALS.
OFF-ISOLATION IS MEASURED BETWEEN COM_ AND “OFF” NO_ OR NC_ TERMINAL ON EACH SWITCH.
ON-LOSS IS MEASURED BETWEEN COM_ AND “ON” NO_ OR NC_ TERMINAL ON EACH SWITCH.
CROSSTALK IS MEASURED FROM ONE CHANNEL TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
CAPACITANCE
METER
10nF
V+
V+
COM_
NC_ or
NO_
GND
f = 1MHz
IN
V
IL or VIH
CAPACITANCE
METER
10nF
V+
V+
COM_
NC_ or
NO_
GND
f = 1MHz
IN
V
IL or VIH
V+
V+
IN_
COM_
C
L
V
OUT
NC_
or NO
R
GEN
GND
V
IL to VIH
V
OUT
IN
IN
OFF
OFF
ON
ON
OFF
OFF
V
OUT
Q = (
V
OUT ) (CL )
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
V+
V+
IN_
COM_
C
L
V
OUT
NC_
or NO
R
GEN
GND
V
IL to VIH
V
OUT
IN
IN
OFF
OFF
ON
ON
OFF
OFF
V
OUT
Q = (
V
OUT ) (CL )
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.


Similar Part No. - G3203

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
More results

Similar Description - G3203

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
   Dual 1 SPDT Analog Switch
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com