Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MHW1916 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MHW1916
Description  Microwave Bipolar Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 1 page
background image
1
MHW1916
MOTOROLA RF DEVICE DATA
The RF Line
Microwave Bipolar
Power Amplifier
• Specified 26 Volt Characteristics:
RF Output Power: 15 Watts
RF Power Gain: 34 dB Typ
Efficiency: 24% Min
• 50 Ohm Input/Output Impedances
MAXIMUM RATINGS (Flange Temperature = 25
°C)
Rating
Symbol
Value
Unit
DC Supply Voltage
VS
28
Vdc
DC Bias Voltage
VB
5.5
Vdc
RF Input Power
Pin
17
dBm
RF Output Power
Pout
23
W
Operating Case Temperature Range
TC
– 30 to + 95
°C
Storage Temperature Range
Tstg
– 30 to + 100
°C
ELECTRICAL CHARACTERISTICS (VS =26 Vdc; VBIAS =5 Vdc; TC = +25°C; 50 Ω system)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
1930
1990
MHz
Total Quiescent Current (Pin = 0 mW)
Iq
300
mA
Power Gain (Pout = 15 W) (1)
Gp
31
34
38
dB
Output Power at 1 dB Compression
P1dB
15
Watts
Efficiency (1 dB Compression Power)
η
24
27
%
Input VSWR (Pout = 15 W)
VSWRIN
2:1
Ripple (Pout = 15 W)
Rp
1
2
dB
Gain Variation at any given Frequency over Output Power
(1 mW
≤ Pout ≤ 15 W)
∆Gp
1
2.4
dB
Load Mismatch Stress
(Pout = 15 W; Load VSWR = 3:1; at All Phase Angles)
ψ
No Degradation in Output Power
Stability
(Pout = 1 mW – 15 W; Load VSWR = 2:1; at All Phase Angles except
Harmonics)
All Spurious Outputs More than 60 dB Below
Desired Signal
Stability
(Pout = 1 mW – 15 W; Load VSWR = 2:1; f = 1930 – 1990 MHz; at All
Phase Angles)
All Spurious Outputs Typically Lower than
– 36 dBm
(1) Adjust Pin for specified Pout.
Order this document
by MHW1916/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MHW1916
15 W
1930 – 1990 MHz
RF POWER AMPLIFIER
CASE 301AK–01, STYLE 1
© Motorola, Inc. 1996




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MHW1815Microwave Bipolar Power Amplifier 1 2 3 4 Motorola, Inc
MHW1915Microwave Bipolar Power Amplifier 1 2 3 4 Motorola, Inc
TMD1925-3MICROWAVE POWER MMIC AMPLIFIER 1 2 3 4 5 Toshiba Semiconductor
UPC2714T1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
SRF4427RF AND MICROWAVE DISCRETE LOW POWER TRANSISTORS GENERAL RF AMPLIFIER APPLICATIONS 1 2 3 Advanced Power Technology
M68762SLSilicon Bipolar Power Amplifier 350-400MHz 30W FM Mobile 1 Mitsubishi Electric Semiconductor
KIA6213SBIPOLAR LINEAR INTEGRATED CIRCUIT AUDIO POWER AMPLIFIER 1 2 3 4 KEC(Korea Electronics)
KIA8200AHBIPOLAR LINEAR INTEGRATED CIRCUIT DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
UPC2715T1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
KIA6216HBIPOLAR LINEAR INTEGRATED CIRCUIT 15W BTL X 2CH AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl