Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2264XV18 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C2264XV18
Description  36-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2264XV18 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C2264XV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C2264XV18 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY7C2262XV18, CY7C2264XV18
Document Number : 001-70330 Rev. *B
Page 6 of 29
Functional Overview
The CY7C2262XV18, and CY7C2264XV18 are synchronous
pipelined Burst SRAMs equipped with a read port and a write
port. The read port is dedicated to read operations and the write
port is dedicated to write operations. Data flows into the SRAM
through the write port and flows out through the read port. These
devices multiplex the address inputs to minimize the number of
address pins required. By having separate read and write ports,
the QDR II+ Xtreme completely eliminates the need to “turn
around” the data bus and avoids any possible data contention,
thereby simplifying system design. Each access consists of two
18-bit data transfers in the case of CY7C2262XV18, and two
36-bit data transfers in the case of CY7C2264XV18 in one clock
cycle.
These devices operate with a read latency of two and half cycles
when DOFF pin is tied HIGH. When DOFF pin is set LOW or
connected to VSS then the device behaves in QDR I mode with
a read latency of one clock cycle.
Accesses for both ports are initiated on the rising edge of the
positive input clock (K). All synchronous input and output timing
are referenced from the rising edge of the input clocks (K and K).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the input clocks (K and K). All synchronous data
outputs (Q[x:0]) pass through output registers controlled by the
rising edge of the input clocks (K and K) as well.
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the input
clocks (K and K).
CY7C2262XV18 is described in the following sections. The
same basic descriptions apply to CY7C2264XV18.
Read Operations
The CY7C2262XV18 is organized internally as two arrays of
1 M × 18. Accesses are completed in a burst of two sequential
18-bit data words. Read operations are initiated by asserting
RPS active at the rising edge of the positive input clock (K). The
address is latched on the rising edge of the K clock. The address
presented to the address inputs is stored in the read address
register. Following the next two K clock rise, the corresponding
lowest order 18-bit word of data is driven onto the Q[17:0] using
K as the output timing reference. On the subsequent rising edge
of K, the next 18-bit data word is driven onto the Q[17:0]. The
requested data is valid 0.45 ns from the rising edge of the input
clock (K and K).
When the read port is deselected, the CY7C2262XV18 first
completes the pending read transactions. Synchronous internal
circuitry automatically tristates the outputs following the next
rising edge of the negative input clock (K). This enables for a
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, connect this pin directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
PLL Turn Off
 Active LOW. Connecting this pin to ground turns off the PLL inside the device. The
timing in the operation with the PLL turned off differs from those listed in this data sheet. For normal
operation, connect this pin to a pull up through a 10 k
 or less pull up resistor. The device behaves in
QDR I mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up
to 167 MHz with QDR I timing.
TDO
Output
TDO Pin for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/72M
Input
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
Input
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
Input
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C2264XV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2263KV18 CYPRESS-CY7C2263KV18 Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18-450BZXI CYPRESS-CY7C2263KV18-450BZXI Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18-550BZXC CYPRESS-CY7C2263KV18-550BZXC Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18-550BZXI CYPRESS-CY7C2263KV18-550BZXI Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2264XV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1262XV18 CYPRESS-CY7C1262XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2263XV18 CYPRESS-CY7C2263XV18 Datasheet
1Mb / 29P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2563XV18 CYPRESS-CY7C2563XV18 Datasheet
614Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1562XV18 CYPRESS-CY7C1562XV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2562XV18 CYPRESS-CY7C2562XV18 Datasheet
406Kb / 27P
   72-Mbit QDR짰 II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2263KV18 CYPRESS-CY7C2263KV18 Datasheet
910Kb / 32P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2568XV18 CYPRESS-CY7C2568XV18_12 Datasheet
883Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1268XV18 CYPRESS-CY7C1268XV18 Datasheet
900Kb / 28P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com