Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460BV25 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1460BV25
Description  36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460BV25 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1460BV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1460BV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CY7C1460BV25
CY7C1462BV25
36-Mbit (1 M × 36/2 M × 18)
Pipelined SRAM with NoBL™ Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-74446 Rev. *C
Revised October 25, 2012
36-Mbit (1 M × 36/2 M × 18) Pipelined SRAM with NoBL™ Architecture
Features
Pin-compatible and functionally equivalent to ZBT™
Supports 250-MHz bus operations with zero wait states
Available speed grades is 250 MHz
Internally self-timed output buffer control to eliminate the need
to use asynchronous OE
Fully registered (inputs and outputs) for pipelined operation
Byte Write capability
2.5 V core power supply
2.5 V/1.8 V I/O power supply
Fast clock-to-output times
2.6 ns (for 250-MHz device)
Clock enable (CEN) pin to suspend operation
Synchronous self-timed writes
CY7C1460BV25,
CY7C1462BV25 available in Pb-free
165-ball FBGA package and CY7C1462BV25 available in
JEDEC-standard Pb-free 100-pin TQFP package
IEEE 1149.1 JTAG-Compatible Boundary Scan
Burst capability – linear or interleaved burst order
“ZZ” sleep mode option and stop clock option
Functional Description
The
CY7C1460BV25/CY7C1462BV25
are
2.5 V,
1 M × 36/2 M × 18 synchronous pipelined burst SRAMs with No
Bus Latency™ (NoBL
 logic, respectively. They are designed
to support unlimited true back-to-back read/write operations with
no wait states. The CY7C1460BV25/CY7C1462BV25 are
equipped with the advanced NoBL logic required to enable
consecutive read/write operations with data being transferred on
every clock cycle. This feature dramatically improves the
throughput of data in systems that require frequent write/read
transitions.
The
CY7C1460BV25/CY7C1462BV25
are
pin-compatible and functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. All data outputs pass through output
registers controlled by the rising edge of the clock. The clock
input is qualified by the clock enable (CEN) signal, which when
deasserted suspends operation and extends the previous clock
cycle. Write operations are controlled by the byte write selects
(BWa–BWd
for
CY7C1460BV25
and
BWa–BWb
for
CY7C1462BV25) and a write enable (WE) input. All writes are
conducted with on-chip synchronous self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) provide for easy bank
selection and output three-state control. In order to avoid bus
contention, the output drivers are synchronously three-stated
during the data portion of a write sequence.
Logic Block Diagram – CY7C1460BV25
A0, A1, A
C
MODE
BWa
BWb
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
DQPc
DQPd
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
E
CLK
CEN
WRITE
DRIVERS
BWc
BWd
ZZ
SLEEP
CONTROL
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S


Similar Part No. - CY7C1460BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167 CYPRESS-CY7C1460AV25-167 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXC CYPRESS-CY7C1460AV25-167AXC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXI CYPRESS-CY7C1460AV25-167AXI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1460BV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_12 Datasheet
854Kb / 38P
   72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com