Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GWKALRB3.EM-TUUQ-50H4 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GWKALRB3.EM-TUUQ-50H4
Description  SOLERIQ E 45
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKALRB3.EM-TUUQ-50H4 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 5Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 6Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 7Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 8Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 9Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 10Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 11Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 12Page - OSRAM GmbH GWKALRB3.EM-TUUQ-50H4 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Draft Version 0.0
GW KALRB3.EM
2012-04-10 Preliminary Data
9
Forward Current 5) page 17
Durchlassstrom 5) Seite 17
I
F = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 17
Relativer Lichtstrom 5) Seite 17
Φ
VV(880 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
ΔCx, ΔCy = f(I
F); TS = 25 °C
GWKALRB3.EM
38
40
42
44
46
VF[V]
200
400
600
800
1000
1200
IF[mA]
GWKALRB3.EM
IF[mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΦV
ΦV(880 mA)
43IDC012509
0
200 400 600 800 1000 1200
IF [A]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: ΔCx
: ΔCy


Similar Part No. - GWKALRB3.EM-TUUQ-50H4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PTPU-27B3 OSRAM-GWKAFGB3.CM-PTPU-27B3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PTPU-27S3 OSRAM-GWKAFGB3.CM-PTPU-27S3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PUQP-30B3 OSRAM-GWKAFGB3.CM-PUQP-30B3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PUQP-30S3 OSRAM-GWKAFGB3.CM-PUQP-30S3 Datasheet
1Mb / 17P
   Downlights
More results

Similar Description - GWKALRB3.EM-TUUQ-50H4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAJRB2.EM OSRAM-GWKAJRB2.EM Datasheet
1Mb / 17P
   SOLERIQ E 30
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
   SOLERIQ S13
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
logo
PHOENIX CONTACT
2962926 PHOENIX-2962926 Datasheet
119Kb / 4P
   UM 45-16RM/MR-G24/1/E/PLC
logo
TriQuint Semiconductor
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
Taoglas antenna solutio...
GGBSFTP.45.9.A.08 TAOGLAS-GGBSFTP.45.9.A.08 Datasheet
905Kb / 12P
   45*45*9mm Terrablast Stacked Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com