Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GWKAJRB2.EM-STTQ-27H4 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # GWKAJRB2.EM-STTQ-27H4
Description  SOLERIQ E 30
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAJRB2.EM-STTQ-27H4 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 4Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 5Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 6Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 7Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 8Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 9Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 10Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 11Page - OSRAM GmbH GWKAJRB2.EM-STTQ-27H4 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2012-04-10 Preliminary Data
8
Draft Version 0.0
GW KAJRB2.EM
Relative Spectral Emission - V(
λ) = Standard eye response curve 5) page 17 , 1) page 17
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 5) Seite 17 , 1) Seite 17
Φ
e rel = f (λ); TS = 25 °C; IF = 600 mA
Radiation Characteristics 5) page 17
Abstrahlcharakteristik 5) Seite 17
I
rel = f (ϕ); TS = 25 °C
42S
350
400
450
500
550
600
650
700
750
800
λ[nm]
0.0
0.2
0.4
0.6
0.8
1.0
Φe rel
: white
: Vλ
2700Κ
6500Κ
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - GWKAJRB2.EM-STTQ-27H4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAFGB3.CM OSRAM-GWKAFGB3.CM Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PTPU-27B3 OSRAM-GWKAFGB3.CM-PTPU-27B3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PTPU-27S3 OSRAM-GWKAFGB3.CM-PTPU-27S3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PUQP-30B3 OSRAM-GWKAFGB3.CM-PUQP-30B3 Datasheet
1Mb / 17P
   Downlights
GWKAFGB3.CM-PUQP-30S3 OSRAM-GWKAFGB3.CM-PUQP-30S3 Datasheet
1Mb / 17P
   Downlights
More results

Similar Description - GWKAJRB2.EM-STTQ-27H4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKALRB3.EM OSRAM-GWKALRB3.EM Datasheet
1Mb / 17P
   SOLERIQ E 45
GWKAGHB1.CM OSRAM-GWKAGHB1.CM Datasheet
712Kb / 18P
   SOLERIQ S13
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
   SOLERIQ L 38
logo
EPCOS
B66319 EPCOS-B66319 Datasheet
94Kb / 4P
   E 30/15/7 Core
logo
M/A-COM Technology Solu...
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer 30-512 MHz
logo
Tyco Electronics
ETC64-1T-1 MACOM-ETC64-1T-1 Datasheet
101Kb / 1P
   E-Series RF 64:1Transformer 30 - 108 MHz
logo
Advantech Co., Ltd.
ENV-49A-AP01 ADVANTECH-ENV-49A-AP01 Datasheet
505Kb / 2P
   E&E/Patrol Inspection
12-Mar-2021
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com