Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW1915 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MHW1915
Description  Microwave Bipolar Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW1915 Datasheet(HTML) 1 Page - Motorola, Inc

  MHW1915 Datasheet HTML 1Page - Motorola, Inc MHW1915 Datasheet HTML 2Page - Motorola, Inc MHW1915 Datasheet HTML 3Page - Motorola, Inc MHW1915 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MHW1915
MOTOROLA RF DEVICE DATA
The RF Line
Microwave Bipolar
Power Amplifier
• Specified 26 Volt Characteristics:
RF Output Power: 15 Watts
RF Power Gain: 31 dB Typ
Efficiency: 25% Min
• 50 Ohm Input/Output System
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Supply Voltage
VS
28
Vdc
DC Bias Voltage
VB
5.5
Vdc
RF Input Power
Pin
17
dBm
RF Output Power
Pout
23
W
Operating Case Temperature Range
TC
– 30 to + 85
°C
Storage Temperature Range
Tstg
– 30 to + 100
°C
ELECTRICAL CHARACTERISTICS (VS =26 Vdc; VBIAS =5 Vdc; TC = +25°C; 50 Ω system)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
1930
1990
MHz
Total Quiescent Current (Pin = 0 mW)
Iq
300
mA
Power Gain (Pout = 15 W) (1)
Gp
29
31
dB
Output Power at 1 dB Compression
P1dB
15
Watts
Efficiency (1 dB Compression Power)
η
25
%
Input VSWR (Pout = 15 W)
VSWRIN
2:1
Ripple (Pout = 15 W)
Rp
1
dB
Load Mismatch Stress
(Pout = 15 W; Load VSWR = 2:1; at All Phase Angles)
ψ
No Degradation in Output Power
Stability
(Pout = 1 mW – 15 W; Load VSWR = 2:1; at All Phase Angles except
Harmonics)
All Spurious Outputs More than 60 dB Below
Desired Signal
Stability
(Pout = 1 mW – 15 W; Load VSWR = 2:1; f = 1930 – 1990 MHz; at All
Phase Angles)
All Spurious Outputs Typically Lower than
– 36 dBm
(1) Adjust Pin for specified Pout.
Order this document
by MHW1915/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MHW1915
15 W
1930 – 1990 MHz
RF POWER AMPLIFIER
CASE 301AK–01, STYLE 1
© Motorola, Inc. 1997


Similar Part No. - MHW1915

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHW1910-1 NXP-MHW1910-1 Datasheet
147Kb / 8P
   1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
MHW1910/D NXP-MHW1910/D Datasheet
147Kb / 8P
   1930-1990 MHz, 10W RF POWER LDMOS AMPLIFIER
REV 2
logo
Motorola, Inc
MHW1916 MOTOROLA-MHW1916 Datasheet
52Kb / 4P
   Microwave Bipolar Power Amplifier
More results

Similar Description - MHW1915

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1815 MOTOROLA-MHW1815 Datasheet
51Kb / 4P
   Microwave Bipolar Power Amplifier
MHW1916 MOTOROLA-MHW1916 Datasheet
52Kb / 4P
   Microwave Bipolar Power Amplifier
logo
List of Unclassifed Man...
2015M ETC-2015M Datasheet
174Kb / 3P
   MICROWAVE BIPOLAR
logo
M/A-COM Technology Solu...
MRF10005 MA-COM-MRF10005_15 Datasheet
198Kb / 5P
   Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_17 Datasheet
603Kb / 6P
   Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005 Datasheet
198Kb / 5P
   Microwave Power Silicon Bipolar Transistor
logo
List of Unclassifed Man...
3001 ETC-3001 Datasheet
178Kb / 4P
   MICROWAVE CW BIPOLAR
2307 ETC-2307 Datasheet
185Kb / 3P
   MICROWAVE CW BIPOLAR
logo
Toshiba Semiconductor
TMD7185-2 TOSHIBA-TMD7185-2 Datasheet
42Kb / 2P
   MICROWAVE POWER MMIC AMPLIFIER
TGM9398-25 TOSHIBA-TGM9398-25 Datasheet
507Kb / 7P
   MICROWAVE POWER GaN AMPLIFIER
2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com