Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP84220 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP84220
Description  CMOS 8-bit Single Chip Microcomputer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84220 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP84220 Datasheet HTML 6Page - Sony Corporation CXP84220 Datasheet HTML 7Page - Sony Corporation CXP84220 Datasheet HTML 8Page - Sony Corporation CXP84220 Datasheet HTML 9Page - Sony Corporation CXP84220 Datasheet HTML 10Page - Sony Corporation CXP84220 Datasheet HTML 11Page - Sony Corporation CXP84220 Datasheet HTML 12Page - Sony Corporation CXP84220 Datasheet HTML 13Page - Sony Corporation CXP84220 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
– 10 –
CXP84220/84224
1 V
IN
and VOUT must not exceed VDD + 0.3V.
2 The large current drive transistor is the N-ch transistor of Port C (PC).
Note) Usage exceeding absolute maximum ratings may permanently impair the LSl. Normal operation should
be conducted under the recommended operating conditions. Exceeding these conditions may adversely
affect the reliability of the LSI.
Input voltage
Output voltage
High level output current
High level total output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
AVSS
VIN
VOUT
IOH
∑IOH
IOL
IOLC
∑IOL
Topr
Tstg
PD
Low level output current
Supply voltage
–0.3 to +7.0
–0.3 to +0.3
–0.3 to +7.0∗1
–0.3 to +7.0∗1
–5
–50
15
20
100
–20 to +75
–55 to +150
1000
V
V
V
V
mA
mA
mA
mA
mA
°C
°C
mW
Output per pin
Total for all output pins
Value per pin, excluding large current outputs
Value per pin∗2 for large current outputs
Total for all output pins
Item
Symbol
Rating
Unit
Remarks
Absolute Maximum Ratings
(VSS = 0V reference)
High level input voltage
Low level input voltage
Operating temperature
Supply voltage
V
V
V
V
V
V
°C
V
Item
Symbol
Min.
Max.
Unit
Remarks
VIH
VIHS
VIHEX
VIL
VILS
VILEX
Topr
High-speed mode
guaranteed operation range∗1
Low-speed mode
guaranteed operation range∗1
Guaranteed data hold range during stop
2
Hysteresis input∗3
EXTAL∗4
2
Hysteresis input∗3
EXTAL∗4
VDD
1 High-speed mode is 1/2 frequency demultiplication clock selection; Iow-speed mode is 1/16 frequency
demultiplication clock selection.
2 Value for each pin of normal input ports (PA, PB3, PB4, PB6, PC, PD, PF, PG, PI4 to PI6).
3 Value of the following pins: RST, CINT, CS0, SCK0, SCK1, EC0, EC1, RMC, NMI, INT0, INT1, INT2, INT3.
4 Specifies only during external clock input.
Recommended Operating Conditions
(VSS = 0V reference)
5.5
5.5
5.5
VDD
VDD
VDD + 0.3
0.3VDD
0.2VDD
0.4
+75
4.5
3.5
2.5
0.7VDD
0.8VDD
VDD – 0.4
0
0
–0.3
–20


Similar Part No. - CXP84220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP84200 SONY-CXP84200 Datasheet
112Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP842P24 SONY-CXP842P24 Datasheet
220Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP84220

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com