Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11040K Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11040K
Description  MAX11040K Evaluation Kit/Daughterboard
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040K Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11040K_12 Datasheet HTML 1Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 2Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 3Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 4Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 5Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 6Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 7Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 8Page - Maxim Integrated Products MAX11040K_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MAX11040K Evaluation Kit/Daughterboard
4
_______________________________________________________________________________________
Quick Start
Recommended Equipment
• MAX11040K EV kit (USB cable included)
• +3.3V analog supply voltage
• +3.3V digital supply voltage
• Signal source from -2.2V to +2.2V
• User-supplied Windows 2000/XP or Windows Vista
PC with a spare USB port
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and
underlined refers to items from the Windows operating
system.
Procedure
The EV kit is fully assembled and tested. Follow the
steps below to verify board operation. Caution: Do not
turn on power supplies until all connections are
completed.
1) Visit www.maxim-ic.com/evkitsoftware to down-
load the latest version of the EV kit software,
11040KRxx.ZIP. Save the EV kit software to a tem-
porary folder and uncompress the ZIP file.
2) Make sure that the shunts of all jumpers are in the
default positions, as shown in Table 1.
3) Connect the analog voltage supply to the AVDD
and AGND connectors.
4) Connect the digital voltage supply to the DVDD and
DGND connectors.
5) Turn on the power supply.
6) Connect the negative terminal or ground terminal of
the signal source to the negative input (‘-’) on J3
(AIN0 on U1), and the positive terminal of the signal
source to the positive input (‘+’) on J3.
7) Set the signal source to generate a 60Hz, 2V peak-
to-peak sinusoidal wave.
8) Install the MAX11040K evaluation software on your
computer by running the INSTALL.EXE program
inside the temporary folder. The program files are
copied and icons are created for them in the
Windows Start | Programs menu.
9) Connect the USB cable from the PC to the EV kit. A
Building Driver Database window pops up in addi-
tion to a New Hardware Found message when
installing the USB driver for the first time. If a win-
dow that is similar to the one described above is not
seen after 30s, remove the USB cable from the EV
kit and reconnect it. Administrator privileges are
required to install the USB device driver on
Windows.
10) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Program Files\MAX11040K using the Browse
button. During device driver installation, Windows
may show a warning message indicating that the
device driver Maxim uses does not contain a digital
signature. This is not an error condition and it is
safe to proceed with installation. Refer to the
USB_Driver_Help.PDF document included with the
software for additional information.
11) Start the EV kit software by opening its icon in the
Start | Programs menu.
12) Wait until the program automatically detects the
MAX11040K hardware and displays the user-inter-
face panel (Figure 1).
13) Press the Start Conversion button in the Data
Logging group box.
14) Press the Calculate button and verify that the
Frequency of 60Hz, the MIN value of -1V, and the
MAX value of 1V are displayed in the Calculation
group box.


Similar Part No. - MAX11040K_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
More results

Similar Description - MAX11040K_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040DB MAXIM-MAX11040DB Datasheet
1Mb / 31P
   MAX11040 Evaluation Kit/Daughterboard
Rev 1; 5/10
logo
PMC-Sierra, Inc
PM6541 PMC-PM6541 Datasheet
179Kb / 49P
   E1XC EVALUATION DAUGHTERBOARD
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com