Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP12198-EVA-M Datasheet(PDF) 1 Page - Cree, Inc

Part # CP12198-EVA-M
Description  Eva series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP12198-EVA-M Datasheet(HTML) 1 Page - Cree, Inc

  CP12198-EVA-M Datasheet HTML 1Page - Cree, Inc CP12198-EVA-M Datasheet HTML 2Page - Cree, Inc CP12198-EVA-M Datasheet HTML 3Page - Cree, Inc CP12198-EVA-M Datasheet HTML 4Page - Cree, Inc CP12198-EVA-M Datasheet HTML 5Page - Cree, Inc CP12198-EVA-M Datasheet HTML 6Page - Cree, Inc CP12198-EVA-M Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT DATASHEET
Eva series
last update 31/7/2012
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CP12196_EVA-S
Eva
Assembly
XM-L
Black
37.7 mm
17 mm
Round
PMMA
PC
Screw, glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
13 degrees
94 %
-
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12859_EVA-O
Eva
Assembly
XM-L
Black
37.7 mm
17.2 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
15.5+39 degrees
86 %
3.300
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CP12860_EVA-O
Eva
Assembly
XM-L
Black
37.7 mm
17 mm
Round
PMMA
PC
Screw
Ready
FWHM
Efficiency
cd/lm
Gerber File
15.5+39 degrees
86 %
3.300
Available
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CP12197_EVA-D
Eva
Assembly
XM-L
Black
37.7 mm
17 mm
Round
PMMA
PC
Screw, glue
Ready
FWHM
Efficiency
cd/lm
Gerber File
20 degrees
91 %
-
Available
October 19th 2012 21:19 Copyright Ledil Oy - Subject to change without prior notice - Page 1/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP12198-EVA-M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12198 CREE-CP12198 Datasheet
92Kb / 2P
   Eva series
More results

Similar Description - CP12198-EVA-M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12041 CREE-C12041 Datasheet
266Kb / 5P
   Eva series
CA12802 CREE-CA12802 Datasheet
341Kb / 6P
   Eva series
CA12858 CREE-CA12858 Datasheet
411Kb / 7P
   Eva series
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
   Eva series
CP12198 CREE-CP12198 Datasheet
92Kb / 2P
   Eva series
CA12805 CREE-CA12805 Datasheet
368Kb / 6P
   Eva series
C12828 CREE-C12828 Datasheet
1Mb / 19P
   Eva series
CA12057 CREE-CA12057 Datasheet
452Kb / 8P
   Eva series
CP12197 CREE-CP12197 Datasheet
71Kb / 2P
   Eva series
CP12199 CREE-CP12199 Datasheet
91Kb / 2P
   Eva series
CP12200 CREE-CP12200 Datasheet
202Kb / 3P
   Eva series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com