Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA12667-LXB2-W Datasheet(PDF) 2 Page - Cree, Inc

Part # CA12667-LXB2-W
Description  Leila series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12667-LXB2-W Datasheet(HTML) 2 Page - Cree, Inc

  CA12667-LXB2-W Datasheet HTML 1Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 2Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 3Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 4Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 5Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 6Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 7Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 8Page - Cree, Inc CA12667-LXB2-W Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT DATASHEET
Leila series
last update 4/6/2012
Ordering number
Family
Type
LED
Color
Diameter
Height
Style
Optic Material
Holder Material
Fastening
Status
CA12667_LXB2-W
Leila
Assembly
XB-D
Black
21.6 mm
14.6 mm
Round
PMMA
PC
Tape
Ready
FWHM
Efficiency
cd/lm
Gerber File
41 degrees
81 %
1.630
Available
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
October 19th 2012 0:25 Copyright Ledil Oy - Subject to change without prior notice - Page 2/3
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12667-LXB2-W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12667 CREE-CA12667 Datasheet
251Kb / 5P
   Leila series
logo
Ledil, Inc.
CA12667 LEDIL-CA12667 Datasheet
1Mb / 4P
   ~40째 wide beam optimized for CREE XB-D.
More results

Similar Description - CA12667-LXB2-W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com