Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z35 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z35
Description  256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35 Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z35_11 Datasheet HTML 1Page - STMicroelectronics M48Z35_11 Datasheet HTML 2Page - STMicroelectronics M48Z35_11 Datasheet HTML 3Page - STMicroelectronics M48Z35_11 Datasheet HTML 4Page - STMicroelectronics M48Z35_11 Datasheet HTML 5Page - STMicroelectronics M48Z35_11 Datasheet HTML 6Page - STMicroelectronics M48Z35_11 Datasheet HTML 7Page - STMicroelectronics M48Z35_11 Datasheet HTML 8Page - STMicroelectronics M48Z35_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
June 2011
Doc ID 2608 Rev 10
1/24
1
M48Z35
M48Z35Y
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
Features
Integrated, ultra low power SRAM, power-fail
control circuit, and battery
READ cycle time equals WRITE cycle time
Automatic power-fail chip deselect and WRITE
protection
WRITE protect voltages:
(VPFD = power-fail deselect voltage)
–M48Z35: VCC = 4.75 to 5.5 V;
4.5 V
≤ VPFD ≤ 4.75 V
– M48Z35Y: 4.5 to 5.5 V;
4.2 V
≤ VPFD ≤ 4.5 V
Self-contained battery in the CAPHATDIP
package
Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately)
Pin and function compatible with JEDEC
standard 32 K x 8 SRAMs
SOIC package provides direct connection for a
SNAPHAT® top which contains the battery
RoHS compliant
– Lead-free second level interconnect
28
1
28
1
PCDIP28
battery CAPHAT™
SNAPHAT®
battery
SOH28
www.st.com


Similar Part No. - M48Z35_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z35_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
   5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com