Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP83412 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP83412
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83412 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP83412 Datasheet HTML 6Page - Sony Corporation CXP83412 Datasheet HTML 7Page - Sony Corporation CXP83412 Datasheet HTML 8Page - Sony Corporation CXP83412 Datasheet HTML 9Page - Sony Corporation CXP83412 Datasheet HTML 10Page - Sony Corporation CXP83412 Datasheet HTML 11Page - Sony Corporation CXP83412 Datasheet HTML 12Page - Sony Corporation CXP83412 Datasheet HTML 13Page - Sony Corporation CXP83412 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
– 10 –
CXP83408/83412/83416, CXP83409/83413/83417
1 pin
High level
with pull-up
transistor ON
resistor when
reset
High level
Pin
When reset
Circuit format
PE6/TO/ADJ
PE5/PWM0
1
2
Port E data
“1” when reset
Port E output selection (upper)
MPX
Port E output selection (lower)
ADJ2K
ADJ16K
TO
Internal reset signal
1
Pull-up transistors approx. 150k
Ω.
ADJ signals are frequency divider outputs
for 32kHz oscillation frequency adjustment.
ADJ2K provides usage as buzzer output.
2
TO Output enable
Port E
1 pin
Hi-Z
PH0/PWM1
Data bus
RD (Port H)
IP
Port H data
Port H direction
“0” when reset
Pull-up transistors
approx. 100k
Pull-up resistor
Port H output selection
PWM1
“0” when reset
“0” when reset
Port H
1 pin
Port E
Port E output selection
RD (Port E)
Data bus
“0” when reset
Port E data
“1” when reset
PWM0
()


Similar Part No. - CXP83412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83400 SONY-CXP83400 Datasheet
223Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP83401 SONY-CXP83401 Datasheet
223Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP834P16 SONY-CXP834P16 Datasheet
576Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP834P17 SONY-CXP834P17 Datasheet
576Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP83412

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com