Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP83124A Datasheet(PDF) 1 Page - Sony Corporation

Part # CXP83124A
Description  CMOS 8-bit Single Chip Microcomputer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP83124A Datasheet(HTML) 1 Page - Sony Corporation

  CXP83124A Datasheet HTML 1Page - Sony Corporation CXP83124A Datasheet HTML 2Page - Sony Corporation CXP83124A Datasheet HTML 3Page - Sony Corporation CXP83124A Datasheet HTML 4Page - Sony Corporation CXP83124A Datasheet HTML 5Page - Sony Corporation CXP83124A Datasheet HTML 6Page - Sony Corporation CXP83124A Datasheet HTML 7Page - Sony Corporation CXP83124A Datasheet HTML 8Page - Sony Corporation CXP83124A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
– 1 –
CXP83120A/83124A
E94843-PK
CMOS 8-bit Single Chip Microcomputer
Description
The CXP83120A/83124A is a CMOS 8-bit single
chip microcomputer integrating on a single chip an
A/D converter, serial interface, timer/counter, time
base timer, 32kHz timer/counter, capture timer
counter,
LCD
controller/driver,
remote
control
reception circuit and 14-bit PWM output besides the
basic configurations of 8-bit CPU, ROM, RAM, and
I/O port.
The CXP83120A/83124A also provides a sleep/stop
function that enables lower power consumption.
Features
• Wide-range instruction system (213 instructions) to cover various types of data.
— 16-bit arithmetic/multiplication and division/boolean bit operation instructions
• Minimum instruction cycle
400ns at 10MHz operation
8µs at 500kHz
122µs at 32kHz operation
• Incorporated ROM capacity
20Kbytes (CXP83120A)
24Kbytes (CXP83124A)
• Incorporated RAM capacity
644bytes (includes LCD display data area)
• Peripheral functions
— A/D converter
8-bit, 8-channel, successive approximation method
(Conversion time of 32µs/10MHz)
— Serial interface
8-bit, 8-stage FIFO incorporated
(Auto transfer for 1 to 8 bytes), 1 channel
8-bit clock synchronized type, 1 channel
— Timer
8-bit timer, 8-bit timer/counter, 19-bit time base timer,
16-bit capture timer/counter, 32kHz timer/counter
— LCD controller/driver
Maximum 160 segment display possible (during 1/4 duty)
4 common output, 40 segment output
Display method static, 1/2, 1/3, 1/4 duty
Bias method 1/2, 1/3 bias
— Remote control reception circuit
8-bit pulse measuring counter, 6-stage FIFO
— PWM output circuit
14 bits, 1 channel
• Interruption
15 factors, 15 vectors, multi-interruption possible
• Standby mode
SLEEP/STOP
• Package
100-pin plastic QFP/LQFP
• Piggyback/evaluation chip
CXP83200A 100-pin ceramic QFP/LQFP
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
100 pin QFP (Plastic)
100 pin LQFP (Plastic)


Similar Part No. - CXP83124A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP83200A SONY-CXP83200A Datasheet
537Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP83232A SONY-CXP83232A Datasheet
557Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83240A SONY-CXP83240A Datasheet
557Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP832P40A SONY-CXP832P40A Datasheet
556Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP83400 SONY-CXP83400 Datasheet
223Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP83124A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com