Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKSD400-100 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # NKSD400-100
Description  Schottky Rectifier, 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKSD400-100 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  NKSD400-100 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKSD400-100 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKSD400-100 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKSD400-100 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NKSD400-100 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd NKSD400-100 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.nellsemi.com
Page 6 of 6
23.0
23.0
80.0
93
67
2-Φ7.2
3-1/4" 20 UNC SCREWS
1
2
3
TO-244 (Insulated)
All dimensions in millimeters
SEMICONDUCTOR
NKSD400-100 Series RoHS
RoHS
Vishay High Power Products
21.0


Similar Part No. - NKSD400-100

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
808Kb / 6P
   Schottky Rectifier
NKSD400-100 NELLSEMI-NKSD400-100_17 Datasheet
808Kb / 6P
   Schottky Rectifier
More results

Similar Description - NKSD400-100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
   Schottky Rectifier, 400 A
Revision: 19-Nov-09
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 23-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com