Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2235E Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2235E
Description  1542.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2235E Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2235E Datasheet HTML 1Page - RF Monolithics, Inc SF2235E Datasheet HTML 2Page - RF Monolithics, Inc SF2235E Datasheet HTML 3Page - RF Monolithics, Inc SF2235E Datasheet HTML 4Page - RF Monolithics, Inc SF2235E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2011 by RF Monolithics, Inc.
SF2235E - 1/6/11
1542.5 MHz Filter
1
2
3
4
5
6
7
8
9
10
11
1492.5 1502.5 1512.5 1522.5 1532.5 1542.5 1552.5 1562.5 1572.5 1582.5 1592.5
Freq.(MHz)
S11
spec .
1542.5 MHz Filter
1
2
3
4
5
6
7
8
9
10
11
1492.5 1502.5 1512.5 1522.5 1532.5 1542.5 1552.5 1562.5 1572.5 1582.5 1592.5
Freq.(MHz)
S22
spec.
Filter VSWR Plots


Similar Part No. - SF2235E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2235G RFM-SF2235G Datasheet
577Kb / 5P
   1542.5 MHz SAW Filter
More results

Similar Description - SF2235E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2240A TAI-SAW-TA2240A Datasheet
419Kb / 7P
   SAW Filter 1542.5 MHz
logo
RF Monolithics, Inc
SF2275E RFM-SF2275E Datasheet
798Kb / 5P
   1542.5 MHz SAW Filter
SF2235G RFM-SF2235G Datasheet
577Kb / 5P
   1542.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1405A TAI-SAW-TA1405A Datasheet
358Kb / 8P
   SAW Filter 1542.5 MHz
TA1308A TAI-SAW-TA1308A Datasheet
345Kb / 7P
   SAW Filter 1542.5 MHz
TA0425B TAI-SAW-TA0425B Datasheet
502Kb / 9P
   SAW Filter 1542.5 MHz
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
TA1405C TAI-SAW-TA1405C Datasheet
398Kb / 7P
   SAW Filter 1542.5 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA2623A TAI-SAW-TA2623A Datasheet
883Kb / 8P
   SAW Filter 1542.5 MHz SMD 1.4횞1.1 mm (BW=35 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com