Electronic Components Datasheet Search |
|
291V1224R832AB Datasheet(PDF) 3 Page - CTS Corporation |
|
291V1224R832AB Datasheet(HTML) 3 Page - CTS Corporation |
3 / 3 page Ordering Information 3 - 3 7/17/12 CTS Electrocomponents www.ctscorp.com © 2011 CTS Corporation. All rights reserved. Information subject to change. Shaft Trim DIMENSION: inch mm ELECTRIC CIRCUITRY AND WAVEFORM Standard Quadrature 2-Bit Code LOW LOW 3 8 PPR/ 32 DETENTS CW 6 4 HIGH HIGH 2 5 POWER GROUND SWITCH TERMINAL 5 3 2 CHANNEL B CHANNEL A SWITCH TERMINAL 4 6 PIN# * External pull-up resistors required for operation(2.2K ohm) Nominal Detent Position inch R - ROUND F - FLATTED SHAFT TRIM "L" SHAFT LENGTH mm inch A5- 15mm B0- 20mm B5- 25mm C0- 30mm 3/8-32 UNEF-2A 20- .625" POSITION NUMBER 1. 8 PPR/32 detents is shown 2. Code repeats every 4 positions 3. Channel A Leads Channel B in CW direction and lags in CCW direction 1 PULSE ALL ALL 6.35mm Dia. .250" Dia. 24- .750" 28- .875" 32- 1.000" 22- .688" OUTPUT COMBINATION 832 - 8PPR, 32-DETENTS 624 - 6PPR, 24-DETENTS 832 800 - 8PPR, NO DETENTS 600 - 6PPR, NO DETENTS OPERATING VOLTAGE A - 5.0V A - 3.3V B SWITCH B - MOMENTARY B A - NONE TERMINATION 1 1 ”z” ”Y” 0 - .312” 3 - .375” "B" BUSHING LENGTH V1 - .050” Pitch Center Pins Form to Rear with .144 length C4 - .050” Pitch Center 4” Ribbon Cable with Connector C5- .050” Pitch Center 5” Ribbon Cable with Connector C6- .050” Pitch Center 6” Ribbon Cable with Connector Connector is AMP P/N 215083-6 or Equivalent 291 V1 0 22 F ” x” R - ROUND X Imperial Shaft Metric Shaft .250” 6.35 F - FLATTED X Y Imperial Shaft Metric Shaft .250” 6.35 .218” 5.53 Z .250” 6.35 mm D - 9.53mm M9X.75P R* R* CHANNEL A CHANNEL B 2 - .250” ” x” |
Similar Part No. - 291V1224R832AB |
|
Similar Description - 291V1224R832AB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |