Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2215E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2215E
Description  1960 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2215E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2215E Datasheet HTML 1Page - RF Monolithics, Inc SF2215E Datasheet HTML 2Page - RF Monolithics, Inc SF2215E Datasheet HTML 3Page - RF Monolithics, Inc SF2215E Datasheet HTML 4Page - RF Monolithics, Inc SF2215E Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
©2009-2010 by RF Monolithics, Inc.
SF2215E - 7/19/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
1960.0
MHz
Insertion Loss, 1927.5 to 1992.5 MHz
IL
2.7
4.0
dB
Peak-to-Peak Amplitude Ripple, 1927.5 to 1992.5 MHz
1.3
2.5
dB
Input/Output Return Loss, 1927.5 to 1992.5 MHz
7.4
2.5
Attenuation, Referenced to 0 dB:
dB
DC to 1740 MHz
20
31
1740 to 1801 MHz
30
36
1801 to 1880 MHz
20
41
2040 to 2120 MHz
25
40
2120 to 2500 MHz
31
38
3700 to 4000 MHz
25
32
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
951, YWWS
Standard Reel Quantity
Reel Size 7 inch
500 Pieces/Reel
Reel Size 13 inch
3000 Pieces/Reel
Connection
Terminals
Input
2
Output
5
Case Ground
All others
SM3030-6
• Low-loss 1960 MHz Filter
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+10
dBm
DC Voltage on any Non-ground Terminal
3
V
Operating Temperature Range
-20 to +75
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Maximum Soldering Profile, 5 cycles/10 seconds maximum
265
°C
1960 MHz
SAW Filter
SF2215E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary


Similar Part No. - SF2215E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2215E MURATA-SF2215E Datasheet
945Kb / 5P
   1960 MHz SAW Filter
More results

Similar Description - SF2215E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
   1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
   1960 MHz SAW Filter
855817 TRIQUINT-855817_15 Datasheet
1Mb / 6P
   1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2001E RFM-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
TriQuint Semiconductor
855859 TRIQUINT-855859_15 Datasheet
545Kb / 6P
   1960 MHz SAW Filter
856417 TRIQUINT-856417 Datasheet
600Kb / 7P
   1960 MHz SAW Filter
856531 TRIQUINT-856531_15 Datasheet
422Kb / 5P
   1960 MHz SAW Filter
857145 TRIQUINT-857145_15 Datasheet
415Kb / 6P
   1960 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2215E MURATA-SF2215E Datasheet
945Kb / 5P
   1960 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com