Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP82712 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP82712
Description  CMOS 8-bit Single Chip Microcomputer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82712 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP82712 Datasheet HTML 6Page - Sony Corporation CXP82712 Datasheet HTML 7Page - Sony Corporation CXP82712 Datasheet HTML 8Page - Sony Corporation CXP82712 Datasheet HTML 9Page - Sony Corporation CXP82712 Datasheet HTML 10Page - Sony Corporation CXP82712 Datasheet HTML 11Page - Sony Corporation CXP82712 Datasheet HTML 12Page - Sony Corporation CXP82712 Datasheet HTML 13Page - Sony Corporation CXP82712 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
– 10 –
CXP82712/82716
1 V
IN
and VOUT must not exceed VDD + 0.3V.
2 Specifies output current of general-purpose I/O ports.
3 The large current drive transistor is an N-ch transistor of Port C (PC).
Note) If the absolute maximum ratings are exceeded, the LSI could reach permanent breakdown. Also, observing
recommended operating conditions is desirable; otherwise, the LSI's reliability could be affected.
Supply voltage
Input voltage
Output voltage
VDD
VIN
VOUT
VOD
IOH
IODH1
IODH2
∑IOH
∑IODH
IOL
IOLC
∑IOL
Topr
Tstg
PD
VDD – 40 to VDD + 0.3
–5
–15
–35
–40
–100
15
20
100
–20 to +75
–55 to +150
1000
Display output voltage
High level output current
High level
total output current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
–0.3 to +7.0
–0.3 to +7.0∗1
–0.3 to +7.0∗1
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
°C
°C
mW
Other than display output pins∗2: per pin
Display output S13 to S20: per pin
Display output T0 to T7,
T8/S28 to T15/S21: per pin
Total of pins other than display output pins
Total of display output pins
Port 1 pin
Large current port∗3 : per pin
Entire pin total
As P channel transistor is open drain,
VDD voltage is determined as standard.
Item
Symbol
Rating
Unit
Remarks
Absolute Maximum Ratings
(Vss = 0V)


Similar Part No. - CXP82712

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82700 SONY-CXP82700 Datasheet
187Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP827P16 SONY-CXP827P16 Datasheet
310Kb / 21P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP82712

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com