Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-ISA088V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA088V1
Description  1 A step-down switching regulator based on the L5970D
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA088V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA088V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA088V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA088V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA088V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2011
Doc ID 018688 Rev 1
1/4
4
STEVAL-ISA088V1
1 A step-down switching regulator based on the L5970D
Features
Max output current: 1 A
Output voltage from 1.235 V to 35 V
Operating input voltage from 4.4 V to 36 V
Internal switching frequency: 250 kHz
Synchronization pin for cases where a higher
frequency (up to 500 kHz) is required
Short-circuit protection
Inhibit pin
Thermal shutdown
RoHS compliant
Description
The STEVAL-ISA088V1 demonstration board
provides a platform for evaluation of the L5970D,
a step-down monolithic power switching regulator
capable of delivering up to 1 A of current at output
voltages from 1.2 V to 35 V.
The input supply voltage of the STEVAL-
ISA088V1 can range from 4.4 V to 25 V based on
the rated voltage of the input capacitor, while the
output voltage is adjustable from 1.235 V to VCC.
STEVAL-ISA088V1
www.st.com


Similar Part No. - STEVAL-ISA088V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
   90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
STEVAL-ISA082V1 STMICROELECTRONICS-STEVAL-ISA082V1 Datasheet
114Kb / 4P
   4 A peak 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40IPHR
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
   Short-circuit protected
September 2011 Rev 1
STEVAL-ISA084V1 STMICROELECTRONICS-STEVAL-ISA084V1 Datasheet
108Kb / 4P
   4 A peak, 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
More results

Similar Description - STEVAL-ISA088V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
   1 A step-down switching regulator demonstration board based on the L5981
March 2009 Rev 1
STEVAL-ISA106V1 STMICROELECTRONICS-STEVAL-ISA106V1 Datasheet
202Kb / 4P
   1.5 A step-down switching regulator based on the L5973AD
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
   3.5 A step-down switching regulator based on the L4973
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
   0.7 A step-down switching regulator demonstration board based on the L5980
March 2009 Rev 1
STEVAL-ISA201V1 STMICROELECTRONICS-STEVAL-ISA201V1 Datasheet
275Kb / 4P
   3 A step-down switching regulator evaluation board based on the L5987
March 2017 Rev 1
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
   2 A step-down switching regulator demonstration board based on the L5985
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
   1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
   1.5 A step-down switching regulator demonstration board based on the L5983
March 2009 Rev 1
STEVAL-ISA154V1 STMICROELECTRONICS-STEVAL-ISA154V1 Datasheet
98Kb / 4P
   0.7 A step-down switching regulator evaluation board based on the L5980
April 2014 Rev 1
STEVAL-ISA095V1 STMICROELECTRONICS-STEVAL-ISA095V1 Datasheet
87Kb / 4P
   Up to 3 A step-down switching regulator based on the ST1S14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com