Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2204E Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2204E
Description  1900 MHz SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2204E Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2204E Datasheet HTML 1Page - RF Monolithics, Inc SF2204E Datasheet HTML 2Page - RF Monolithics, Inc SF2204E Datasheet HTML 3Page - RF Monolithics, Inc SF2204E Datasheet HTML 4Page - RF Monolithics, Inc SF2204E Datasheet HTML 5Page - RF Monolithics, Inc SF2204E Datasheet HTML 6Page - RF Monolithics, Inc SF2204E Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 7
©2010 by RF Monolithics, Inc.
SF2204E - 8/10/10
Electrical Characteristics
Electrical Connections
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
FC
1900
MHz
Insertion Loss, 1880 to 1920 MHz
IL
2.7
3.5
dB
Amplitude Ripple, 1880 to 1920 MHz
1.0
1.5
dBP-P
Group Delay Ripple, 1880 to 1920 MHz
10
40
nsP-P
Input VSWR, 1880 to 1920 MHz
1.5:1
2.0:1
Output VSWR, 1880 to 1920 MHz
1.5:1
2.0:1
Attenuation Referenced to 0 dB
0.3 to 1000 MHz
30
35
dB
1000 to 1700 MHz
30
35
1700 to 1830 MHz
32
38
1970 to 2400 MHz
38
45
2400 to 3000 MHz
30
40
3000 to 4000 MHz
25
34
Source Impedance
ZS
50
Load Impedance
ZL
50
Case Style
SM3030-6 3.0 x 3.0 mm Nominal Footprint
Lid Symbolization (Y=year, WW=week, S=shift) dot=pin 1 indicator
936, YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Connection
Terminals
Input
5
Output
2
Ground
All Others
SM3030-6
• Low-loss SAW Filter
• Surface-mount 3.0 x 3.0 x 1.4 mm Package
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage on any Non-ground Terminal
3
V
Operating Temperature Range
-20 to +70
°C
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Solder Reflow Temperature, 10 seconds, 5 cycles maximum
260
°C
1900 MHz
SAW Filter
SF2204E
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2204E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2204E MURATA-SF2204E Datasheet
829Kb / 7P
   1900 MHz SAW Filter
logo
RF Monolithics, Inc
SF2204E-1 RFM-SF2204E-1 Datasheet
834Kb / 7P
   1900 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2204E-1 MURATA-SF2204E-1 Datasheet
834Kb / 7P
   1900 MHz SAW Filter
More results

Similar Description - SF2204E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2204E MURATA-SF2204E Datasheet
829Kb / 7P
   1900 MHz SAW Filter
logo
RF Monolithics, Inc
SF2204E-1 RFM-SF2204E-1 Datasheet
834Kb / 7P
   1900 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2204E-1 MURATA-SF2204E-1 Datasheet
834Kb / 7P
   1900 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2018B TAI-SAW-TA2018B Datasheet
706Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
logo
TriQuint Semiconductor
TQQ1212 TRIQUINT-TQQ1212_15 Datasheet
628Kb / 8P
   1900/2017.5 MHz Dual Band Saw Filter Module
logo
TAI-SAW TECHNOLOGY CO.,...
TA2018C TAI-SAW-TA2018C Datasheet
756Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
TA2736AA1325 TAI-SAW-TA2736AA1325 Datasheet
395Kb / 7P
   SAW Filter 1900 MHz (BW 28MHz) SMD 1.4X1.1 mm
logo
Mini-Circuits
HFTC-16 MINI-HFTC-16 Datasheet
123Kb / 1P
   Ceramic High Pass Filter 1900 to 2700 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
CTS Corporation
CER0034A CTS-CER0034A Datasheet
142Kb / 2P
   1900 MHz PCS DuplexerFeatures
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com