Electronic Components Datasheet Search |
|
CXP826P16 Datasheet(PDF) 4 Page - Sony Corporation |
|
CXP826P16 Datasheet(HTML) 4 Page - Sony Corporation |
4 / 21 page – 4 – CXP826P16 Pin Description Symbol I/O Functions I/O/Analog input PA0/AN0 to PA7/AN7 (Port A) 8-bit I/O port. I/O can be set in a bit unit. Incorporation of pull-up resistor can be set through the software in a unit of 4 bits. (8 pins) Analog inputs to A/D converter. (8 pins) I/O/Input PC0/KR0 to PC7/KR7 PE0/INT0/ EC0 PE1/INT1 PE2/INT2 PE3/INT3/ NMI PE4/RMC PE5 PE6 PE7/TO/ ADJ Input/Input/ Input Input/Input Input/Input Input/Input/ Input Input/Input Input Input Output/Output (Port C) 8-bit I/O port. I/O can be set in a bit unit. Capable of driving 12mA sync current. Incorporation of pull-up resistor can be set through the software in a unit of 4 bits. (8 pins) (Port E) 8-bit port. Upper 6 bits are for inputs; lower 2 bits are for outputs. (8 pins) Key return input for FDP segment signal which performs key scanning. External event input to timer/counter. (1 pin) External interrupt request inputs. (4 pins) Non-maskable interruption request input. Input for remote control receiver circuit. Output for timer/counter rectangular waveform and 32kHz oscillation frequency division. I/O/Input I/O/Input I/O/I/O I/O/Input I/O/Output I/O/I/O I/O/Input I/O/Output PB0/CS1 PB1/CS0 PB2/SCK0 PB3/SI0 PB4/SO0 PB5/SCK1 PB6/SI1 PB7/SO1 (Port B) 8-bit I/O port. I/O can be set in a bit unit. Incorporation of pull-up resistor can be set through the software in a unit of 4 bits. (8 pins) Chip select input for serial interface (CH1). Chip select input for serial interface (CH0). Serial clock I/O (CH0). Serial data input (CH0). Serial data output (CH0). Serial clock I/O (CH1). Serial data input (CH1). Serial data output (CH1). |
Similar Part No. - CXP826P16 |
|
Similar Description - CXP826P16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |