Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP823P24 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXP823P24
Description  CMOS 8-bit Single Chip Microcomputer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP823P24 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXP823P24 Datasheet HTML 7Page - Sony Corporation CXP823P24 Datasheet HTML 8Page - Sony Corporation CXP823P24 Datasheet HTML 9Page - Sony Corporation CXP823P24 Datasheet HTML 10Page - Sony Corporation CXP823P24 Datasheet HTML 11Page - Sony Corporation CXP823P24 Datasheet HTML 12Page - Sony Corporation CXP823P24 Datasheet HTML 13Page - Sony Corporation CXP823P24 Datasheet HTML 14Page - Sony Corporation CXP823P24 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
– 11 –
CXP823P24
High level input
voltage
Low level input
voltage
Operating temperature
Supply voltage
5.5
5.5
5.5
VDD
VDD
VDD + 0.3
0.3VDD
0.2VDD
0.4
+75
V
V
V
V
V
V
V
°C
V
Item
Symbol
Min.
Max.
Unit
Remarks
4.5
3.5
2.5
0.7VDD
0.8VDD
VDD – 0.4
0
0
–0.3
–10
Vpp
VIH
VIHS
VIHEX
VIL
VILS
VILEX
Topr
High-speed mode (1/2, 1/4 clock) guaranteed
range during operation
Low-speed mode (1/16 clock) guaranteed range
during operation
Guaranteed data hold operation range during stop
4
1
Hysteresis input∗2
EXTAL pin∗3
1
Hysteresis input
EXTAL pin∗3
VDD
1 All regular input ports (PA, PB3, PB4, PB6, PC, PE5, PG).
2 For pins RST, CINT, CS0, SCK0, SCK1, EC0/INT0, EC1/INT1, INT2, INT3, RMC.
3 Rating only for external clock input.
4 Vpp and V
DD
should be set to the same voltage.
Recommended Operating Conditions
(Vss = 0V)
Vpp = VDD


Similar Part No. - CXP823P24

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP82300 SONY-CXP82300 Datasheet
117Kb / 5P
   CMOS 8-bit Single Chip Microcomputer
CXP82316 SONY-CXP82316 Datasheet
325Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
CXP82320 SONY-CXP82320 Datasheet
325Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
CXP82324 SONY-CXP82324 Datasheet
325Kb / 20P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP823P24

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com