Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2163E Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # SF2163E
Description  1076.06 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2163E Datasheet(HTML) 4 Page - RF Monolithics, Inc

  SF2163E Datasheet HTML 1Page - RF Monolithics, Inc SF2163E Datasheet HTML 2Page - RF Monolithics, Inc SF2163E Datasheet HTML 3Page - RF Monolithics, Inc SF2163E Datasheet HTML 4Page - RF Monolithics, Inc SF2163E Datasheet HTML 5Page - RF Monolithics, Inc SF2163E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 6
©2009-2010 by RF Monolithics, Inc.
SF2163E - 7/19/10
Tuning Network, 150 ohm Balanced Source/Load
L1
22 nH
L2
24 nH


Similar Part No. - SF2163E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2160E RFM-SF2160E Datasheet
850Kb / 6P
   2330 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2160E MURATA-SF2160E Datasheet
850Kb / 6P
   2330 MHz SAW Filter
logo
RF Monolithics, Inc
SF2161E RFM-SF2161E Datasheet
846Kb / 5P
   2650 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2161E MURATA-SF2161E Datasheet
846Kb / 5P
   2650 MHz SAW Filter
logo
RF Monolithics, Inc
SF2162E RFM-SF2162E Datasheet
801Kb / 6P
   1178.12 MHz SAW Filter
More results

Similar Description - SF2163E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0839B TAI-SAW-TA0839B Datasheet
430Kb / 8P
   SAW Filter 1076.06 MHz
logo
RF Monolithics, Inc
SF2256E RFM-SF2256E Datasheet
808Kb / 5P
   1076.06 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0839A TAI-SAW-TA0839A Datasheet
271Kb / 8P
   SAW Filter 1076.06 MHz SMD 3.0X3.0 mm
TA0696A TAI-SAW-TA0696A Datasheet
256Kb / 8P
   SAW Filter 1076.06 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com