Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2162E Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF2162E
Description  1178.12 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2162E Datasheet(HTML) 6 Page - RF Monolithics, Inc

  SF2162E Datasheet HTML 1Page - RF Monolithics, Inc SF2162E Datasheet HTML 2Page - RF Monolithics, Inc SF2162E Datasheet HTML 3Page - RF Monolithics, Inc SF2162E Datasheet HTML 4Page - RF Monolithics, Inc SF2162E Datasheet HTML 5Page - RF Monolithics, Inc SF2162E Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 6 of 6
©2009-2010 by RF Monolithics, Inc.
SF2162E - 7/19/10
Tape and Reel Specifications
“B”
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
3000
See Detail "A"
2.0
12.0
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
3.35 mm
Bo
3.35 mm
Ko
1.40 mm
Pitch
8.0 mm
W
12.0 mm
RO.3
(MAX.)
Ko
SECTION A-A
0.3 ± 0.05
SECTION B-B
Bo
2.0
4.0
Ao
Pitch
BB
A
R0.5
(MAX.)
A
1.5
1.50
PIN #1
USER DIRECTION OF FEED


Similar Part No. - SF2162E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2160E RFM-SF2160E Datasheet
850Kb / 6P
   2330 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2160E MURATA-SF2160E Datasheet
850Kb / 6P
   2330 MHz SAW Filter
logo
RF Monolithics, Inc
SF2161E RFM-SF2161E Datasheet
846Kb / 5P
   2650 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2161E MURATA-SF2161E Datasheet
846Kb / 5P
   2650 MHz SAW Filter
logo
RF Monolithics, Inc
SF2163E RFM-SF2163E Datasheet
500Kb / 6P
   1076.06 MHz SAW Filter
More results

Similar Description - SF2162E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0844B TAI-SAW-TA0844B Datasheet
430Kb / 8P
   SAW Filter 1178.12 MHz
TA0730A TAI-SAW-TA0730A Datasheet
256Kb / 8P
   SAW Filter 1178.12 MHz SMD 3.0X3.0 mm
TA0844A TAI-SAW-TA0844A Datasheet
316Kb / 8P
   SAW Filter 1178.12 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com