Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2076B Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF2076B
Description  464.00 MHz SAW Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2076B Datasheet(HTML) 6 Page - RF Monolithics, Inc

Back Button SF2076B Datasheet HTML 2Page - RF Monolithics, Inc SF2076B Datasheet HTML 3Page - RF Monolithics, Inc SF2076B Datasheet HTML 4Page - RF Monolithics, Inc SF2076B Datasheet HTML 5Page - RF Monolithics, Inc SF2076B Datasheet HTML 6Page - RF Monolithics, Inc SF2076B Datasheet HTML 7Page - RF Monolithics, Inc SF2076B Datasheet HTML 8Page - RF Monolithics, Inc SF2076B Datasheet HTML 9Page - RF Monolithics, Inc SF2076B Datasheet HTML 10Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
464.00 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 6 of 11
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2076B-062106
CH1
S21
DEL
50 ns/
REF 548.7 ns
CH1
CENTER
464 . 000
000
MHz
SPAN
10 . 000
000
MHz
Cor
Smo
PRm
CH2
S21
LOG
1 dB/
REF -14.5 dB
CH2
CENTER
464 . 000
000
MHz
SPAN
20 . 000
000
MHz
Cor
PRm
23 Mar 2006 09:14:31
1
2
2 : 21 . 057
ns
3 . 400
000
MHz
REF=1
CH1
Markers
mean
: 572 . 82
ns
s . dev
: 38 . 085
ns
p-p
: 151 . 48
ns
1
2
2 : - . 01250
dB
3 . 400
000
MHz
REF=1
CH2
Markers
mean
: -12
. 530
dB
s . dev
: . 10840
dB
p-p
: . 62010
dB
SF2076B Demo Using TOKO Inductors
CH1 Full 2-port cal, CH2 Thru cal
Full
Resp
CH1
S21
LOG
10 dB/
REF -14.5 dB
CENTER
604 . 000
000
MHz
SPAN
700 . 000
000
MHz
Cor
PRm
23 Mar 2006
09:01:41
SF2076B Demo Using TOKO Inductors
Thru cal
Resp
II. Impedance Matching: Toko Inductor
200 Ohm Differential Impedance (4:1 Transformers Account for 2dB of Loss)


Similar Part No. - SF2076B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2076B MURATA-SF2076B Datasheet
365Kb / 11P
   464.00 MHz SAW Filter
More results

Similar Description - SF2076B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2076B MURATA-SF2076B Datasheet
365Kb / 11P
   464.00 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com