Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP819P60 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP819P60
Description  CMOS 8-bit Single Chip Microcomputer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP819P60 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXP819P60 Datasheet HTML 2Page - Sony Corporation CXP819P60 Datasheet HTML 3Page - Sony Corporation CXP819P60 Datasheet HTML 4Page - Sony Corporation CXP819P60 Datasheet HTML 5Page - Sony Corporation CXP819P60 Datasheet HTML 6Page - Sony Corporation CXP819P60 Datasheet HTML 7Page - Sony Corporation CXP819P60 Datasheet HTML 8Page - Sony Corporation CXP819P60 Datasheet HTML 9Page - Sony Corporation CXP819P60 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
– 6 –
CXP819P60
PG0 to PG4
PG5/PCK
PG6/EXI0
PG7/EXI1
PH0 to PH7
PI1/RMC
PI2/PWM
PI3/TO/ADJ
PI4/INT1/
NMI
PI5/SCK1
PI6/SO1
PI7/SI1
PJ0 to PJ7
EXTAL
XTAL
TEX
TX
RST
MP
AVDD
AVREF
AVss
VDD
Vpp
Vss
Input
Output
I/O/Input
I/O/Output
I/O/Output/Output
I/O/Input/Input
I/O/I/O
I/O/Output
I/O/Input
I/O
Input
Output
Input
Output
Input
Input
Input
7 bit general purpose prescaler input pin.
External input pin to FRC capture unit.
(Port G)
8-bit input port.
(8 pins)
(Port H)
8-bit output port ; Medium withstand voltage (12V) and high current
(12mA), N-ch open drain output.
(8 pins)
Remote control receiving circuit input pin.
14-bit PWM output pin.
Timer/counter, 32kHz oscillation adjustment output
pin.
Input pin to request external interruption and
non-maskable interruption. Active when falling edge.
Serial clock (CH1) I/O pin.
Serial data (CH1) output pin.
Serial data (CH1) input pin.
(Port I)
7-bit I/O port.
I/O port can be
specified by bit
unit.
(7 pins)
(Port J)
8-bit I/O port. Function as standby release input can be specified by bit
unit. I/O can be specified by bit unit.
Connecting pin of crystal oscillator for system clock. When supplying
the external clock, input the external clock to EXTAL pin and input
opposite phase clock to XTAL pin.
Connecting pin of crystal oscillator for 32kHz timer clock. When used
as event counter, input to TEX pin and leave TX pin open. (Feedback
resistor is not removed.)
System reset pin of active "L" level.
Microprocessor mode input pin. Always connect to GND.
Positive power supply pin of A/D converter.
Reference voltage input pin of A/D converter.
GND pin of A/D converter.
Positive power supply pin.
Positive power supply pin for built-in PROM writing.
Please connect to VDD for normal operation.
GND pin. Connect both Vss pins to GND.
Symbol
I/O
Description


Similar Part No. - CXP819P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP819P60M SONY-CXP819P60M Datasheet
367Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP819P60

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com