Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5305G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF5305G-TN3-R
Description  -31A, -55V P-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5305G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF5305G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF5305G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF5305G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF5305G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF5305G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF5305G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF5305
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-842.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-55
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
VGS=-10V, TC=25°C
ID
-31
A
VGS=-10V, TC=100°C
-22
A
Pulsed (Note 2)
IDM
-110
A
Avalanche Current (Note 2)
IAR
-16
A
Avalanche Energy
Single Pulse (Note 3)
EAS
280
mJ
Repetitive (Note 2)
EAR
11
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
-5.0
V/ns
Power Dissipation (TC=25°C)
PD
110
W
Linear Derating Factor
0.71
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive rating; pulse width limited by max. junction temperature.
3. VDD=-25V, Starting TJ=25°C, L=2.1mH, RG=25Ω, IAS=-16A.
4. ISD≤-16A, di/dt≤-280A/µs, VDD≤BVDSS, TJ≤150°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
1.4
°C/W


Similar Part No. - UF5305G-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UF5305L-TN3-T VBSEMI-UF5305L-TN3-T Datasheet
973Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - UF5305G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
   -55V P-Channel MOSFET
logo
International Rectifier
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
logo
Unisonic Technologies
UF9Z34 UTC-UF9Z34 Datasheet
183Kb / 6P
   -17A, -55V P-CHANNEL POWER MOSFET
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
   12A, 55V P-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
   -55V P-Channel MOSFET
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
   -55V P-Channel MOSFET
logo
International Rectifier
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com