Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP81900M Datasheet(PDF) 6 Page - Sony Corporation

Part # CXP81900M
Description  CMOS 8-bit Single Chip Microcomputer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP81900M Datasheet(HTML) 6 Page - Sony Corporation

  CXP81900M Datasheet HTML 1Page - Sony Corporation CXP81900M Datasheet HTML 2Page - Sony Corporation CXP81900M Datasheet HTML 3Page - Sony Corporation CXP81900M Datasheet HTML 4Page - Sony Corporation CXP81900M Datasheet HTML 5Page - Sony Corporation CXP81900M Datasheet HTML 6Page - Sony Corporation CXP81900M Datasheet HTML 7Page - Sony Corporation CXP81900M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
– 6 –
CXP81900M
EPROM Read Timing (Ta = –20 to +75°C, VDD = 2.7 to 5.5V, Vss = 0V)
Address
→ data
hold time
Address
→ data
input delay time
Item
Symbol
Pin
Min.
Max.
Unit
tIH
tACC
A0 to A15
D0 to D7
A0 to A15
D0 to D7
0
100∗1
75∗2
ns
ns
tACC
tIH
0.8VDD
0.8VDD
0.2VDD
0.2VDD
Input data
Address data
A0 to A15
D0 to D7
Products
Option item
Existent
2.7 to 5.5V
27C512
× 1
Products List
1 At 12MHz operation (V
DD
= 4.5 to 5.5V)
2 At 12MHz operation (V
DD
= 2.7 to 5.5V), At 16MHz operation (VDD = 4.5 to 5.5V)
Piggyback/evaluator product
100-pin ceramic
PQFP
EPROM 60Kbytes
27C256
× 2
Mask product
100-pin plastic
QFP/LQFP
Existent/Non-existent
2.7 to 5.5V
52Kbytes
60Kbytes
CXP81960M
CXP81952M
2.7 to 5.5V
CXP81900M-U04Q
CXP81900M-U04R
CXP81900M-U06R
Package
ROM capacity
Pull-up resistor
for reset pin
Supply voltage


Similar Part No. - CXP81900M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP81900M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com