Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1184B-1 Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF1184B-1
Description  947.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1184B-1 Datasheet(HTML) 6 Page - RF Monolithics, Inc

  SF1184B-1 Datasheet HTML 1Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 2Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 3Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 4Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 5Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 6 of 6
©2008 by RF Monolithics, Inc.
SF1184B-1 - 10/17/08
Case Dimensions
Electrical Connections
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.0
0.118
B
3.0
0.118
C
1.3
0.051
D
0.9
0.035
E
2.54
0.100
F
1.6
0.063
G
0.85
0.033
H
1.5
0.059
I
0.6
0.024
J
1.3
0.051
Connection
Terminals
Port 1
Single Ended Input
2
Port 2
Single Ended Output
5
Ground
All others
Single Ended Operation Only
Dot indicates Pin 1
6-Terminal Ceramic Surface-Mount Case
3.0 X 3.0 mm Nominal Footprint
SM3030-6 Case
TOP VIEW
BOTTOM VIEW
1
2
3
6
5
4
1
2
3
6
5
4
A
BC
D
J
EF
GH
I
PCB FOOTPRINT


Similar Part No. - SF1184B-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
More results

Similar Description - SF1184B-1

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0991A TAI-SAW-TA0991A Datasheet
394Kb / 7P
   SAW Filter 947.5 MHz
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
   947.5 MHz RF SAW Filter
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
API Technologies Corp
SF0948BA02589S APITECH-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
TE1842-947EC TAI-SAW-TE1842-947EC Datasheet
510Kb / 8P
   Dual SAW Filter 947.5 and 1842.5 MHz
TA0361A TAI-SAW-TA0361A Datasheet
264Kb / 7P
   SAW Filter 947.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com