Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7N65LL-TF2-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 7N65LL-TF2-T
Description  7.4A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65LL-TF2-T Datasheet(HTML) 6 Page - Unisonic Technologies

  7N65LL-TF2-T Datasheet HTML 1Page - Unisonic Technologies 7N65LL-TF2-T Datasheet HTML 2Page - Unisonic Technologies 7N65LL-TF2-T Datasheet HTML 3Page - Unisonic Technologies 7N65LL-TF2-T Datasheet HTML 4Page - Unisonic Technologies 7N65LL-TF2-T Datasheet HTML 5Page - Unisonic Technologies 7N65LL-TF2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7N65L
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-821.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 7N65LL-TF2-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
7N65LL-TF3-T VBSEMI-7N65LL-TF3-T Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 7N65LL-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7N65K UTC-7N65K Datasheet
204Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
7N65 UTC-7N65_12 Datasheet
173Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
7N65Z UTC-7N65Z Datasheet
191Kb / 6P
   7.4A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ7N60 DGNJDZ-NJ7N60 Datasheet
931Kb / 7P
   7.4A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
7N60 UTC-7N60_12 Datasheet
193Kb / 6P
   7.4A, 600V N-CHANNEL POWER MOSFET
7N60Z UTC-7N60Z_11 Datasheet
184Kb / 6P
   7.4A, 600V N-CHANNEL POWER MOSFET
7N60K UTC-7N60K Datasheet
265Kb / 6P
   7.4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOK8N80 AOSMD-AOK8N80 Datasheet
310Kb / 5P
   800V,7.4A N-Channel MOSFET
AOT8N80 AOSMD-AOT8N80 Datasheet
354Kb / 6P
   800V, 7.4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com