Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP750011 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP750011
Description  CMOS 8-bit Single Chip Microcomputer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP750011 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP750011 Datasheet HTML 4Page - Sony Corporation CXP750011 Datasheet HTML 5Page - Sony Corporation CXP750011 Datasheet HTML 6Page - Sony Corporation CXP750011 Datasheet HTML 7Page - Sony Corporation CXP750011 Datasheet HTML 8Page - Sony Corporation CXP750011 Datasheet HTML 9Page - Sony Corporation CXP750011 Datasheet HTML 10Page - Sony Corporation CXP750011 Datasheet HTML 11Page - Sony Corporation CXP750011 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
– 8 –
CXP750096/750010, CXP750097/750011
Port A data
Port A direction
IP
RD (Port A)
Internal data bus
“0” after a reset
Port A function selection
“0” after a reset
A/D converter
Input multiplexer
Input
protection
circuit
Port A data
Port A direction
IP
Input polarity
RD (Port A)
Internal data bus
HSYNC, VSYNC
“0” after a reset
“0” after a reset
Schmitt input
Ports B, C, G data
Ports B, C, G direction
IP
RD (Ports B, C, G)
Internal data bus
INT1
“0” after a reset
PB0 to PB2
Schmitt input only
for PG7
Input/Output Circuit Formats for Pins
Port A
Port A
Port B
Port C
6 pins
2 pins
19 pins
Hi-Z
Hi-Z
Hi-Z
Pin
After a reset
Circuit format
PA6/VSYNC
PA7/HSYNC
PB0 to PB7
PC0 to PC5∗2
PG3 to PG6∗2
PG7/INT1
PA0/AN0
to
PA5/AN5
Port G
Ports C and F data
Ports C and F
function selection
“0” after a reset
“1” after a reset
PWM0 to PWM3
PWM6, PWM7
1
12V drive voltage
Large current 12mA
1
RD (Ports C, F)
Internal data bus
Port C
6 pins
PC6/PWM6∗2
PC7/PWM7∗2
PF0/PWM0
to
PF3/PWM3
Hi-Z
Port F
2 Not incorporated for Pin 52 package.


Similar Part No. - CXP750011

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP750000 SONY-CXP750000 Datasheet
241Kb / 10P
   CMOS 8-bit Single Chip Microcomputer
CXP7500P10 SONY-CXP7500P10 Datasheet
354Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
CXP7500P11 SONY-CXP7500P11 Datasheet
354Kb / 25P
   CMOS 8-bit Single Chip Microcomputer
More results

Similar Description - CXP750011

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com