Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXP5080 Datasheet(PDF) 3 Page - Sony Corporation

Part # CXP5080
Description  CMOS 4-bit Single Chip Microcomputer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP5080 Datasheet(HTML) 3 Page - Sony Corporation

  CXP5080 Datasheet HTML 1Page - Sony Corporation CXP5080 Datasheet HTML 2Page - Sony Corporation CXP5080 Datasheet HTML 3Page - Sony Corporation CXP5080 Datasheet HTML 4Page - Sony Corporation CXP5080 Datasheet HTML 5Page - Sony Corporation CXP5080 Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
– 3 –
CXP5080
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
VL
XTAL
EXTAL
RST
WP
INT1
PY0
PY1
PY2/INT2
PY3/EC
PX0/SC
PX1/SOB
PX2/SOA
PX3/SI
PD0
PD1
PD2
PD3
PC0
PC1
PC2
PC3
PB0
PB1
PB2
PB3
PA0
PA1
PA2
PA3
PESEL
VSS
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16/PF0
SEG17/PF1
SEG18/PF2
SEG19/PF3
SEG20/PE0
SEG21/PE1
SEG22/PE2
SEG23/PE3
VDD
VLC3
VLC2
VLC1
COM0
COM1
COM2
COM3
SEG0
SEG1
SEG2
SEG3
SEG4
VSS
VDD
A12
A7
A6
A5
A4
A3
A2
A1
A0
I0
I1
I2
I3
VDD
VDD
VDD
A8
A9
A11
VSS
A10
VSS
I7
I6
I5
I4
Pin Assignment 1 (Top View) 64 pin PSDIP Package
Note)
PESEL pin serves to switch the I/O signal of the socket on top of the package from interface with the
evaluator (Eva mode) to interface with EPROM (Piggyback mode).
Setting PESEL pin to H Ievel brings Eva mode to enable the connection with the evaluator. Setting it to
L level brings piggyback mode to enable the mounting of EPROM. For QFP piggyback, it is necessary
only to exchange EVACAP (or EPROM) for EPROM (or EVACAP) and no other special measures are
required.


Similar Part No. - CXP5080

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP5084 SONY-CXP5084 Datasheet
157Kb / 11P
   CMOS 4-bit Single Chip Microcomputer
CXP5086 SONY-CXP5086 Datasheet
157Kb / 11P
   CMOS 4-bit Single Chip Microcomputer
CXP508L4 SONY-CXP508L4 Datasheet
225Kb / 11P
   CMOS 4-bit Single Chip Microcomputer
CXP508L6 SONY-CXP508L6 Datasheet
225Kb / 11P
   CMOS 4-bit Single Chip Microcomputer
More results

Similar Description - CXP5080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com