Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMI05-CL02F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HDMI05-CL02F3
Description  5-line IPAD?? HDMI??control line ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL02F3 Datasheet(HTML) 2 Page - STMicroelectronics

  HDMI05-CL02F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 8Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
HDMI05-CL02F3
2/9
Doc ID 15516 Rev 2
1
Characteristics
Figure 3.
Electrical characteristics (definitions)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
External pins (A1, A2, A3, B3 and C3):
ESD IEC 61000-4-2, level 4 - air discharge
ESD IEC 61000-4-2, level 4 - contact discharge
Internal pins (B1, C1):
ESD IEC 61000-4-2, level 1 - air discharge
ESD IEC 61000-4-2, level 1 - contact discharge
15
8
2
2
kV
Pd
Line resistance power dissipation at 70 °C
60
mW
Top
Operating temperature range
-30 to + 85
°C
Tstg
Storage temperature range
-55 to + 150
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Test condition
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6
20
V
IRM
VRM = 3 V per line
50
200
nA
R1, R2
1575
1750
1925
Ω
R3
80
100
120
k
Ω
R4
22
27
32
k
Ω
Cline
Vline = 0 V, Vosc = 30 mV, F = 1 MHz
CEC to GND with RPU2 not connected
SCL and SDA to GND with RPU not connected
(measured under zero light conditions)
14
24
17
29
pF
Cline
(1)
1.
This is the line capacitance seen by the data signals in the application conditions
Vline = 0 V, Vosc = 30 mV, F = 1 MHz
CEC, SCL and SDA to GND with RPU and RPU2
grounded
(measured under zero light conditions)
10
12
pF
I
V
I
F
I
RM
I
R
I
PP
V
RM
V
F
V
BR
V
CL
Slope = 1/Rd
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
V
=
Clamping voltage
R
=
Dynamic impedance
I
=
Peak pulse current
I
=
Breakdown current
T
=
Voltage temperature coefficient
V
=
Forward voltage drop
BR
RM
RM
RM
CL
d
PP
R
F
α
C
=
Line capacitance
=
line
R
Series resistance between Input
I/O


Similar Part No. - HDMI05-CL02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMI05-CL01F3 STMICROELECTRONICS-HDMI05-CL01F3 Datasheet
387Kb / 8P
   5-line IPAD?? HDMI??control line ESD protection
More results

Similar Description - HDMI05-CL02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMI05-CL01F3 STMICROELECTRONICS-HDMI05-CL01F3 Datasheet
387Kb / 8P
   5-line IPAD?? HDMI??control line ESD protection
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384 Datasheet
290Kb / 8P
   5-Line HDMI Control Line ESD Protection
October, 2011 ??Rev. 0
ESD5384 ONSEMI-ESD5384_V01 Datasheet
361Kb / 9P
   ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection
September, 2017 ??Rev. 1
logo
STMicroelectronics
EMIF05-SK01F3 STMICROELECTRONICS-EMIF05-SK01F3 Datasheet
223Kb / 7P
   5 line IPAD?? EMI filter including ESD protection
July 2014 Rev 1
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF04-1K030F3 STMICROELECTRONICS-EMIF04-1K030F3 Datasheet
348Kb / 8P
   4-line IPAD?? EMI filter including ESD protection
August 2013 Rev 1
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2_08 Datasheet
188Kb / 7P
   10-line IPAD, EMI filter including ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com