Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF02-MIC06F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-MIC06F3
Description  2-line IPAD??EMI filter and ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-MIC06F3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-MIC06F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 7Page - STMicroelectronics EMIF02-MIC06F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EMIF02-MIC06F3
Ordering information scheme
Doc ID 15195 Rev 4
5/8
2
Ordering information scheme
Figure 11.
Ordering information scheme
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12.
Flip Chip package dimensions
EMIF
yy
-
xxx zz
Fx
EMI filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
F = Flip Chip
x = 3: lead-free, pitch = 400 µm
1.20 mm ± 30 µm
255 µm ± 40
200 µm
400 µm ± 40
605 µm ± 55


Similar Part No. - EMIF02-MIC06F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F1 STMICROELECTRONICS-EMIF02-MIC02F1 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
73Kb / 7P
   2 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
More results

Similar Description - EMIF02-MIC06F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_11 Datasheet
114Kb / 8P
   2-line IPAD?? EMI filter and ESD protection
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2_11 Datasheet
293Kb / 7P
   2-line IPAD?? EMI filter and ESD protection
EMIF02-SPK02F2 STMICROELECTRONICS-EMIF02-SPK02F2_12 Datasheet
227Kb / 12P
   2-line IPAD?? EMI filter and ESD protection
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
   2-line IPAD, EMI filter with ESD protection
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_10 Datasheet
195Kb / 8P
   2-line IPAD?? EMI filter including ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com