Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECMF02-4CMX8 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ECMF02-4CMX8
Description  Common mode filter with ESD protection for USB 2.0 Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-4CMX8 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ECMF02-4CMX8 Datasheet HTML 3Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 4Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 5Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 6Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 7Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 8Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 9Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 10Page - STMicroelectronics ECMF02-4CMX8 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ECMF02-4CMX8
Characteristics
Doc ID 022286 Rev 1
7/16
Figure 10.
ESD response to IEC 61000-4-2 (-8 kV contact discharge) on ID
Figure 11.
ESD response to IEC 61000-4-2 (+8 kV contact discharge) on differential lane
-56.0 V
-25.1 V
-25.2 V
-21.2 V
1
2
4
3
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
54.7 V
33.1 V
20.6 V
13.2 V
1
2
4
3


Similar Part No. - ECMF02-4CMX8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
   Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
   Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
ECMF02-2HSMX6 STMICROELECTRONICS-ECMF02-2HSMX6 Datasheet
888Kb / 17P
   ESD protected common mode filter for USB3.0 interface
August 2014 Rev 2
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
ECMF02-3HSM6 STMICROELECTRONICS-ECMF02-3HSM6 Datasheet
667Kb / 15P
   Provides -20 dB attenuation at 700 MHz in LTE bands
November 2015 Rev 3
More results

Similar Description - ECMF02-4CMX8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
   Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
   Common mode filter with ESD protection for USB2.0 interface
March 2016 Rev 1
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
   Common mode filter with ESD protection for high speed serial interface
Rev 3 - September 2022
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
   Common mode filter with ESD protection for high speed serial interface
December 2020
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
May 2016 Rev 1
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
   Common mode filter with ESD protection for high speed serial interface
June 2021
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com