Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIP2450-01D3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # DIP2450-01D3
Description  2 G / 5 G WLAN diplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP2450-01D3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DIP2450-01D3 Datasheet HTML 2Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 3Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 4Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 5Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 6Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 7Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 8Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 9Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application information
DIP2450-01D3
6/10
Doc ID 023193 Rev 1
2
Application information
Figure 17.
Application schematic
Figure 18.
PCB recommendation
2GHz Rx
5GHz Rx
2GHz Tx
5GHz Tx
BT
Balun
BT RX
BT TX
WLAN
Diplexer
2G
5G
ANT
Pad diameter: 220 µm, distance from ground: 100 µm


Similar Part No. - DIP2450-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DIP24 STMICROELECTRONICS-DIP24 Datasheet
31Kb / 2P
   Thermal Data
logo
Sensata Technologies, I...
DIP24-11-001A SENSATA-DIP24-11-001A Datasheet
90Kb / 2P
   FRAMELESS BRUSHLESS DC (BLDC) MOTORS
logo
Meder Electronic
DIP24-1A66-16L MEDER-DIP24-1A66-16L Datasheet
75Kb / 1P
   DIP Reed Relay
DIP24-1A66-16L_DE MEDER-DIP24-1A66-16L_DE Datasheet
93Kb / 1P
   (deutsch) DIP Reed Relay
DIP24-1A72-10L MEDER-DIP24-1A72-10L Datasheet
89Kb / 1P
   DIP Reed Relay
More results

Similar Description - DIP2450-01D3

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
logo
PHOENIX CONTACT
2716062 PHOENIX-2716062 Datasheet
139Kb / 5P
   The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716046 PHOENIX-2716046 Datasheet
138Kb / 5P
   The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716020 PHOENIX-2716020 Datasheet
139Kb / 5P
   The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716033 PHOENIX-2716033 Datasheet
138Kb / 5P
   The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716127 PHOENIX-2716127 Datasheet
139Kb / 5P
   The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
   Single chip 802.11b/g WLAN radio
logo
Microchip Technology
SST12LP07E MICROCHIP-SST12LP07E Datasheet
88Kb / 2P
   2.4GHz WLAN 11b/g/n Power
8/3/2016
logo
Laird Tech Smart Techno...
450-0067 LSTD-450-0067 Datasheet
641Kb / 40P
   Integrated 802.11 b/g WLAN Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com