Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPL-WB-00C2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # DCPL-WB-00C2
Description  Wide-band, dual-path directional coupler with ISO port
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-00C2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button DCPL-WB-00C2 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 8Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 9Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 10Page - STMicroelectronics DCPL-WB-00C2 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
DCPL-WB-00C2
8/11
Doc ID 17994 Rev 1
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
Package dimensions
Figure 12.
Footprint
Figure 13.
Marking
A1
A2
A3
B1
C1
C2
C3
B3
A1
A1
A2
A2
A3
A3
B1
B1
C1
C1
C2
C2
C3
C3
B3
B3
670 µm
315 µm dia.
1.7 mm
600µm
600µm
Copper pad diameter :
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 300 µm copper pad diameter
x
y
x
w
z
w
Dot, ST logo
ECOPACK status
xx = marking
z = manufacturing
location
yww = datecode
(y = year ww = week)


Similar Part No. - DCPL-WB-00C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
   Wide-band, dual-path directional coupler with ISO port
More results

Similar Description - DCPL-WB-00C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
   Wide-band, dual-path directional coupler with ISO port
CPL-WB-00D3 STMICROELECTRONICS-CPL-WB-00D3 Datasheet
161Kb / 8P
   Wide band directional coupler with ISO port
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
   Wide-band directional coupler with ISO port
CPI-WB-00C2 STMICROELECTRONICS-CPI-WB-00C2 Datasheet
450Kb / 8P
   Wide band directional coupler with ISO port
January 2010 Doc ID 15088 Rev 3
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
   Wide band directional coupler with ISO port
August 2013 Rev 2
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
   Wide band directional coupler with ISO port
DCPL-WB-02D3 STMICROELECTRONICS-DCPL-WB-02D3 Datasheet
98Kb / 8P
   Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
logo
Johanson Technology Inc...
0869CP14B1050 JOHANSON-0869CP14B1050 Datasheet
58Kb / 2P
   870 / 1050 MHz Directional Coupler, Dual Band, Single Path
logo
STMicroelectronics
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
   Wide-band, directional coupler with integrated 50 ohm loaded isolated port
logo
Johanson Technology Inc...
0869CD14A1810 JOHANSON-0869CD14A1810 Datasheet
157Kb / 2P
   870/1810 MHz Dual Band Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com