Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYSH-3528UXC-60-24V-WW8 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYSH-3528UXC-60-24V-WW8
Description  Monocolor Flexible SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYSH-3528UXC-60-24V-WW8 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYSH-3528UXC-60-24V-WW8 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-60-24V-WW8 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-60-24V-WW8 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-60-24V-WW8 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-60-24V-WW8 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model. No.
■Rating Electrical/Optical Characteristics(1 meter)
■ Rating Electrical/Optical Characteristics(5 meter)
Page
3/5
24W
24W
24W
24W
24W
5m±0.5mm 5m±0.5mm 5m±0.5mm
5m±0.5mm
5m±0.5mm.
1000
1000
1000
1000
1000
200g
200g
200g
200g
200g
DC24
DC24
DC24
4.8
Single LED
Luminous
Intensity(MCD)
Operation
Temperature(
℃)
single LED
Operating
Current(mA)
Item
Approval
net weight:(g)
Life Time(hrs)
Dimension:(mm)
LED Quantity(pcs)
Luminous Flux(lm)
Wavelength(nm)
Input Current(mA)
Power Dissipation(W)
Operation Voltage(V)
Angle(°)
White
DC24
4.8
200
DC24
4.8
4.8
4.8
200
200
Red
Yellow
Blue
515-525
680
CE(NO:E8N 08 03 57489 002)
200
200
200
200
700
625-635
590-594
CCT:5000K-6500K
800
465-475
Green
Http://www.foryard.com
150
120
-20~60
20
60
L1000*W8*H2mm
50000
40
Item
Red
Yellow
Blue
Green
White
Power Dissipation
Total Length
Input Current(mA)
Weight
Rev.
200
200
660
200
Model No.
:FYSH-3528UXC-60-24V-WW8
FYSH-3528UXC-60-24V-WW8
A


Similar Part No. - FYSH-3528UXC-60-24V-WW8

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-3528UXC-60-12V-WW8 FORYARD-FYSH-3528UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results

Similar Description - FYSH-3528UXC-60-24V-WW8

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-30-12V-WW10 FORYARD-FYSH-5050RGB-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-12V-WW8 FORYARD-FYSH-3528UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-120-12V-WW8 FORYARD-FYSH-3528UXC-120-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050UX3C-30-12V-WW10 FORYARD-FYSH-5050UX3C-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-66-12V-WW8 FORYARD-FYSH-3528UXC-66-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-120-24V-WW8 FORYARD-FYSH-3528UXC-120-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050RGB-60-24V-WW10 FORYARD-FYSH-5050RGB-60-24V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-0335UXC-60-12V-WW8 FORYARD-FYSH-0335UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050RGB-60-12V-WW10 FORYARD-FYSH-5050RGB-60-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050UX3C-60-12V-WW10 FORYARD-FYSH-5050UX3C-60-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com