Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2157A Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF2157A
Description  156 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2157A Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF2157A Datasheet HTML 1Page - RF Monolithics, Inc SF2157A Datasheet HTML 2Page - RF Monolithics, Inc SF2157A Datasheet HTML 3Page - RF Monolithics, Inc SF2157A Datasheet HTML 4Page - RF Monolithics, Inc SF2157A Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2009 by RF Monolithics, Inc.
SF2157A - 7/10/09
SM13365-12 Case
Case Dimensions
Electrical Connections
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
13.08
13.31
13.60
0.515
0.524
0.535
B
6.27
6.50
6.80
0.247
0.256
0.268
C
1.91
2.00
0.075
0.079
D
1.50
0.059
E
0.79
0.031
H
1.0
0.039
P
2.54
0.100
Connection
Terminals
Input
11
Output
5
Case Ground
All others
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
12-Terminal Ceramic Surface-Mount Case
13.3 x 6.5 mm Nominal Footprint


Similar Part No. - SF2157A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
   156 MHz SAW Filter
More results

Similar Description - SF2157A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2064A RFM-SF2064A Datasheet
125Kb / 5P
   156 MHz SAW Filter
SF2063A RFM-SF2063A Datasheet
419Kb / 4P
   156 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2063A MURATA-SF2063A Datasheet
419Kb / 4P
   156 MHz SAW Filter
SF2157A MURATA-SF2157A Datasheet
434Kb / 5P
   156 MHz SAW Filter
SF2064A MURATA-SF2064A Datasheet
125Kb / 5P
   156 MHz SAW Filter
logo
API Technologies Corp
SF0156BA02422S APITECH-SF0156BA02422S Datasheet
171Kb / 3P
   156 MHz SAW Filter 10 MHz Bandwidth
SF0156BA02421S APITECH-SF0156BA02421S Datasheet
170Kb / 3P
   156 MHz SAW Filter 9.4 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com