Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2033A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2033A
Description  350.00 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2033A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2033A Datasheet HTML 1Page - RF Monolithics, Inc SF2033A Datasheet HTML 2Page - RF Monolithics, Inc SF2033A Datasheet HTML 3Page - RF Monolithics, Inc SF2033A Datasheet HTML 4Page - RF Monolithics, Inc SF2033A Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 5
© 2008-2012 by RF Monolithics, Inc.
SF2033A - 5/31/12
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Center Frequency
fC
349.9
350.0
350.1
MHz
Insertion Loss
IL
13.5
14.5
dB
3 dB Bandwidth
2.60
2.65
MHz
20 dB Bandwidth
3.8
4.0
MHz
45 dB Bandwidth
4.4
6.0
MHz
Amplitude Ripple, fC ± 0.85 MHz
0.4
0.7
dB
Group Delay Ripple, fC ± 1.1 MHz
35
70
ns
Subsrate Material
Quartz
Temperature Coefficient of Frequency
F/F=
-[(T-T0)/5.4]2
ppm/K
Case Style
SM13365-12 13.3 x 6.5 mm Nominal Footprint
Lid Symbolization
SF2033A
(YY=year, WW=week, S=shift, ##=sequence code) dot=pin 1 indicator
YYWWS##
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
2000 Pieces/Reel
SM13365-12
350.00 MHz
SAW Filter
SF2033A
1.
US and International patents may apply.
2.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
• Precision SAW Filter
• 13.3 x 6.5 mm Case
• Complies with Directive 2002/95/EC (RoHS)
Maximum Rating
Rating
Value
Units
Input Power Level
+20
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature in Tape and Reel
-40 to +85
°C
Suitable for Lead-free Soldering, Maximum Soldering Temperature
260 °C for 30 s
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2033A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2033A MURATA-SF2033A Datasheet
239Kb / 5P
   350.00 MHz SAW Filter
More results

Similar Description - SF2033A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2033A MURATA-SF2033A Datasheet
239Kb / 5P
   350.00 MHz SAW Filter
logo
Transko Electronics, In...
TL35001AV2 TRANSKO-TL35001AV2 Datasheet
443Kb / 3P
   350.00 MHz IF SAW Filter / 1.96 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL35006AS2 TRANSKO-TL35006AS2 Datasheet
464Kb / 4P
   350.00 MHz IF SAW Filter / 6.50 MHz Bandwidth
Revision 0: 18 Jul. 2012
logo
Vanlong Technology Co.,...
SR350 VANLONG-SR350 Datasheet
91Kb / 2P
   350.00 MHz One-Port SAW Resonator
SR5426 VANLONG-SR5426 Datasheet
92Kb / 2P
   350.00 MHz One Port SAW Resonator
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com