Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-3528BURC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-3528BURC
Description  Suitable for all SMT assembly and soldering method
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-3528BURC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-3528BURC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-3528BURC Datasheet HTML 9Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Model. No.
Rev.
Min.
Typ.
1.70
---
630
625
---
2
---
600
---
120
Dominant Wavelength
λD
IF = 20mA
nm
Note:
2.Pay attention about static for InGaN
1.Luminous Intensity is based on the Foryard standards.
Material
PPA
Gold
Silicone
AlGaInP
Deg
Material
Item
Reflector
Wire
Encapsulate
Chip
---
---
Unit
V
uA
nm
lm
mcd
---
Condition
IF = 20mA
VR = 5V
IF = 20mA
IF = 20mA
5
IF = 20mA
IF = 20mA
50% Power Angle
2θ½
Reverse Current
Peak Emission Wavelength
Luminous Flux
Luminous Intensity
Symbol
VF
IR
λp
ΦV
IV
V
Absolute maximum Rating
50
Items
Forward Voltage
Max
2.40
Reflow Soldering:250
/5sec
Reverse Voltage
Mw
IF
100
120
-40
º
C
+85
º
C
-40ºC
+100ºC
Soldering Temperature
VR
Tsol
5
Power Dissipation
Operation Temperature
Topr
A
Symbol
IFP
Peak Forward Current*
Absolute Maximun Ratings(Ta=25
º
º
º
º
C)
*Pulse width
1msec duty
1/10
FYLS-3528BURC
Model No.
FYLS-3528BURC
Items
Forward Current(DC)
PD
Unit
mA
mA
Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
Storage Temperature


Similar Part No. - FYLS-3528BURC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3528BUBC FORYARD-FYLS-3528BUBC Datasheet
526Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-3528BUWC FORYARD-FYLS-3528BUWC Datasheet
506Kb / 8P
   TOP LED Type
FYLS-3528BUWC FORYARD-FYLS-3528BUWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528BUYC FORYARD-FYLS-3528BUYC Datasheet
498Kb / 9P
   PRODUCT SPECIFICATION
More results

Similar Description - FYLS-3528BURC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3528BUBC FORYARD-FYLS-3528BUBC Datasheet
526Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UYC FORYARD-FYLS-3528UYC_12 Datasheet
498Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528PG2C FORYARD-FYLS-3528PG2C Datasheet
488Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UW2C FORYARD-FYLS-3528UW2C Datasheet
493Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UWC FORYARD-FYLS-3528UWC_12 Datasheet
506Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528RGBC-CA FORYARD-FYLS-3528RGBC-CA Datasheet
496Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528URC FORYARD-FYLS-3528URC_12 Datasheet
498Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528BPGC FORYARD-FYLS-3528BPGC Datasheet
529Kb / 9P
   Suitable for all SMT assembly and soldering method
FYLS-3528UR2C FORYARD-FYLS-3528UR2C Datasheet
489Kb / 8P
   Suitable for all SMT assembly and soldering method
FYLS-3528UY2C FORYARD-FYLS-3528UY2C Datasheet
488Kb / 8P
   Suitable for all SMT assembly and soldering method
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com