Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3404D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # RF3404D
Description  433.92 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3404D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  RF3404D Datasheet HTML 1Page - RF Monolithics, Inc RF3404D Datasheet HTML 2Page - RF Monolithics, Inc RF3404D Datasheet HTML 3Page - RF Monolithics, Inc RF3404D Datasheet HTML 4Page - RF Monolithics, Inc RF3404D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 5
©2008 by RF Monolithics, Inc.
RF3404D - 3/21/08
Pin
Connection
1
Input
2
Input Ground
3
Ground
4
Case Ground
5
Output
6
Output Ground
7
Ground
8
Case Ground
Matching Circuit to 50
PRIMARY
Electrical Connections
A
1
2
3
B
7
6
5
4
C
H 7
6
5
4
E
F
G
1
2
3
8
8
D
Case Dimensions
Pin
Connection
1
Input Ground
2
Input
3
Ground
4
Case Ground
5
Output Ground
6
Output
7
Ground
8
Case Ground
OPTIONAL
Electrical Connections
Matching Circuit to 50
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
3.6
3.8
4.0
0.14
0.15
0.16
B
3.6
3.8
4.0
0.14
0.15
0.16
C
1.00
1.20
1.40
0.04
0.05
0.055
D
0.95
1.10
1.25
0.033
0.043
0.05
E
0.90
1.0
1.10
0.035
0.04
0.043
F
0.50
0.6
0.70
0.020
0.024
0.028
G
2.39
2.54
2.69
0.090
0.100
0.110
H
1.40
1.75
2.05
0.055
0.069
0.080
7
6
5
4
1
2
3
8
Input
56 nH
Output
56 nH
7
6
5
4
1
2
3
8
Input
Output
56nH
56nH


Similar Part No. - RF3404D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3404D MURATA-RF3404D Datasheet
86Kb / 5P
   433.92 MHz SAW Filter
More results

Similar Description - RF3404D

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
   SAW filter 433.92 MHz
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
   433.92 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0944A TAI-SAW-TA0944A Datasheet
447Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
   433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
   433.92 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com