Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM25HG-24S Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RM25HG-24S
Description  HIGH SPEED SWITCHING USE NON-INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM25HG-24S Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RM25HG-24S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM25HG-24S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM25HG-24S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Sep.2001
MITSUBISHI FAST RECOVERY DIODE MODULES
RM25HG-24S
HIGH SPEED SWITCHING USE
NON-INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
For snubber circuit (IPM or IGBT module)
RM25HG-24S
• IDC
DC current .................................. 25A
• VRRM
Repetitive peak reverse voltage
.............. 1200V
• trr
Reverse recovery time ............. 0.3
µs
• ONE ARM
• Non-Insulated Type
20.5MAX.
φ3.2±0.2
5
±0.3
2.5
±0.3
2
±0.3
5.45
±0.5
1
±0.2
5.45
±0.5
1
2
3
0.6
±0.2
1
3
2
4
Non-Isolation side (metal) 4


Similar Part No. - RM25HG-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
logo
Powerex Power Semicondu...
RM25HG-24S POWEREX-RM25HG-24S Datasheet
230Kb / 2P
   Super Fast Recovery Single Diode (25 Amperes/1200 Volts)
logo
Mitsubishi Electric Sem...
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
50Kb / 3P
   FAST RECOVERY DIODE MODULES HIGH SPEED SWITCHING USE HIGH SPEED SWITCHING USE
RM25HG-24S MITSUBISHI-RM25HG-24S_01 Datasheet
50Kb / 3P
   FAST RECOVERY DIODE MODULES HIGH SPEED SWITCHING USE HIGH SPEED SWITCHING USE
More results

Similar Description - RM25HG-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S_09 Datasheet
486Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM50HA-XXF MITSUBISHI-RM50HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM100CA-XXF MITSUBISHI-RM100CA-XXF Datasheet
48Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20HA-XXF MITSUBISHI-RM20HA-XXF Datasheet
47Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM400HV-34S MITSUBISHI-RM400HV-34S Datasheet
69Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM20DA-XXF MITSUBISHI-RM20DA-XXF Datasheet
49Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM300HA-24F MITSUBISHI-RM300HA-24F Datasheet
46Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
RM200DA-20F MITSUBISHI-RM200DA-20F Datasheet
50Kb / 3P
   HIGH SPEED SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com