Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD12MVP1 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RD12MVP1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD12MVP1 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RD12MVP1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD12MVP1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Date : Oct.2011
1
INDEX MARK
[Gate]
Terminal No.
(a)Drain [output]
(b)Source [GND]
(c)Gate [input]
(d)Source
(b)
(b)
0.95+/-0.2
2.6+/-0.2
7.0+/-0.2
(c)
(a)
8.0+/-0.2
NOTES:
1. ( ) Typical value
UNIT:mm
(d)
0.2+/-0.05
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SIDE VIEW
(4.5)
DETAIL A
DETAIL A
< Silicon RF Power MOS FET (Discrete) >
RD12MVP1
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
DESCRIPTION
RD12MVP1 is a MOS FET type transistor
specifically designed for VHF RF power
amplifiers applications.
FEATURES
•High Power Gain
Pout>10W, Gp>13dB@Vdd=7.2V,f=175MHz
•High Efficiency: 55%min. (175MHz)
•No gate protection diode
APPLICATION
For output stage of high power amplifiers in
VHF band mobile radio sets.
RoHS COMPLIANT
RD12MVP1 is a RoHS compliant product. RoHS compliance is indicating by the letter “G” after the Lot Marking.
This product includes the lead in high melting temperature type solders.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in high melting temperature type solders (i.e. tin-lead older alloys containing more than85% lead.)
ABSOLUTE MAXIMUM RATINGS
(Tc=25°C, UNLESS OTHERWISE NOTED)
SYMBOL
PARAMETER
CONDITIONS
RATINGS
UNIT
VDSS
Drain to Source Voltage
VGS=0V
50
V
VGSS
Gate to Source Voltage
VDS=0V
-5 to +20
V
ID
Drain Current
4.0
A
Pin
Input Power
Zg=Zl=50
1.0
W
Pch
Channel Dissipation
Tc=25°C
125
W
Tj
Junction Temperature
+150
°C
Tstg
Storage Temperature
-40 to +125
°C
Rthj-c
Thermal Resistance
Junction to Case
1.5
°C/W
Note: Above parameters are guaranteed independently.
OUTLINE DRAWING


Similar Part No. - RD12MVP1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results

Similar Description - RD12MVP1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com