Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD07MVS1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RD07MVS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD07MVS1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RD07MVS1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD07MVS1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD07MVS1
RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
Publication Date : Oct.2011
2
ABSOLUTE MAXIMUM RATINGS
(Tc=25°C UNLESS OTHERWISE NOTED)
SYMBOL
PARAMETER
CONDITIONS
RATINGS
UNIT
VDSS
Drain to source voltage
Vgs=0V
30
V
VGSS
Gate to source voltage
Vds=0V
+/- 20
V
Pch
Channel dissipation
Tc=25°C
50
W
Pin
Input Power
Zg=Zl=50
1.5
W
ID
Drain Current
-
3
A
Tch
Junction Temperature
-
150
°C
Tstg
Storage temperature
-
-40 to +125
°C
Rth j-c
Thermal resistance
Junction to case
2.5
°C/W
Note: Above parameters are guaranteed independently.
ELECTRICAL CHARACTERISTICS (Tc=25°C, UNLESS OTHERWISE NOTED)
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX.
IDSS
Zero gate voltage drain current
VDS=17V, VGS=0V
-
-
200
uA
IGSS
Gate to source leak current
VGS=10V, VDS=0V
-
-
1
uA
VTH
Gate threshold Voltage
VDS=12V, IDS=1mA
1.4
1.7
2.4
V
Pout1
Output power
7
8
-
W
D1
Drain efficiency
f=175MHz , VDD=7.2V
Pin=0.3W,Idq=700mA
55
60
-
%
Pout2
Output power
7
8
-
W
D2
Drain efficiency
f=520MHz , VDD=7.2V
Pin=0.7W,Idq=750mA
50
55
-
%
Load VSWR tolerance
VDD=9.2V,Po=7W(Pin Control)
f=175MHz,Idq=700mA,Zg=50
Load VSWR=20:1(All Phase)
No destroy
-
Load VSWR tolerance
VDD=9.2V,Po=7W(Pin Control)
f=520MHz,Idq=750mA,Zg=50
Load VSWR=20:1(All Phase)
No destroy
-
Note: Above parameters, ratings, limits and conditions are subject to change.


Similar Part No. - RD07MVS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MVS1 MITSUBISHI-RD07MVS1 Datasheet
274Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1 Datasheet
219Kb / 10P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1-101 MITSUBISHI-RD07MVS1-101 Datasheet
274Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1-T112 MITSUBISHI-RD07MVS1-T112 Datasheet
274Kb / 9P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B Datasheet
227Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results

Similar Description - RD07MVS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_10 Datasheet
219Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_11 Datasheet
446Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_10 Datasheet
213Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD02MUS1 MITSUBISHI-RD02MUS1_10 Datasheet
230Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_10 Datasheet
219Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1 MITSUBISHI-RD02MUS1_11 Datasheet
443Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2_11 Datasheet
458Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2 Datasheet
287Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_11 Datasheet
457Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com