Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL5005M Datasheet(PDF) 3 Page - Sony Corporation

Part # CXL5005M
Description  CMOS-CCD 1H Delay Line for NTSC with PLL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5005M Datasheet(HTML) 3 Page - Sony Corporation

  CXL5005M Datasheet HTML 1Page - Sony Corporation CXL5005M Datasheet HTML 2Page - Sony Corporation CXL5005M Datasheet HTML 3Page - Sony Corporation CXL5005M Datasheet HTML 4Page - Sony Corporation CXL5005M Datasheet HTML 5Page - Sony Corporation CXL5005M Datasheet HTML 6Page - Sony Corporation CXL5005M Datasheet HTML 7Page - Sony Corporation CXL5005M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
CXL5005M/P
Electrical Characteristics
(Ta = 25°C, VDD = 9.0V, VCL = 5.0V, fCLK = 3.58MHz, VCLK = 300mVp-p sine wave,
See "Electrical Characteristics Test Circuit")
Item
Symbol
Test condition
SW condition
Measuring
point
Min.
Typ. Max. Unit
1
2
mA
mA
dB
dB
%
deg
Vp-p
dB
V
V
V
V
5.0
12.0
3.0
5.0
5.0
1.28
6.5
6.5
3.3
3.7
4.0
9.0
0.0
–2.1
3.0
3.0
60
5.0
5.0
2.3
2.7
–3.0
–3.0
55
3.5
3.5
1.3
1.7
A1
A2
V1
V1
S
V2
V3
V4
V5
V6
a
a
b
a
a
a
a
a
a
a
b, c
e
f
d
d
a
250kHz, 1.28Vp-p,
sine wave input
250kHz, 1.28Vp-p,
sine wave input
IG = 20 log (Output
voltage [Vp-p] /
1.28 [Vp-p])
Dissipation at 3.58MHz
in relation to 250kHz
fG = 20 log (V3.58MHz/
V250kHz) (Note 1)
5-staircase wave input
Y = 140 IRE (= 1.0Vp-p)
Measure with
vector scope (Note 2)
S: Input = 250kHz,
1.0Vp-p
output (Vp-p)
N: Input = DC GND
output (Vrms)
250kHz, 1.28Vp-p,
sine wave input
IDD
ICL
IG
fG
DG
DP
VIN-AC
S/N
VIN-DC
VAUTO-DC
VFEED-DC
VOUT-DC
Supply current
Insertion gain
Frequency
response
Differential gain
Differential phase
Allowable input
amplitude
Noise
DC output
voltage


Similar Part No. - CXL5005M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5002M SONY-CXL5002M Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5002P SONY-CXL5002P Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5003 SONY-CXL5003 Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
More results

Similar Description - CXL5005M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com