Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD07MUS2B Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RD07MUS2B
Description  RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz,7W
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD07MUS2B Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button RD07MUS2B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 10Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 11Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 12Page - Mitsubishi Electric Semiconductor RD07MUS2B Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD07MUS2B
RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz,7W
Publication Date : Oct.2011
9
TEST CIRCUIT(f=135-175MHz)
TEST CIRCUIT(f=450-527MHz)
100pF
140pF
RF-in
3.5mm
22pF
W
4.7K ohm
C1
W
C2
22μF,50V
20pF
7.5mm
1.5mm
4.5mm
21mm
5mm
9.5mm
2.2 ohm
7.5mm
L1
3.5mm
21mm
2.5mm
62pF
RF-OUT
Vgg
Vdd
RD07MUS2B
(f=135-175MHz)
L1,L2:Enameled wire 6 Turns,D:0.23mm,1.66mm O.D
L3,L5:Enameled wire 2 Turns,D:0.23mm,1.66mm O.D
L4
:Enameled wire 4 Turns,D:0.43mm,1.66mm O.D
C1,C2:1000pF,0.0022μF in parallel
Note:Board material Glass-Epoxy substrate
Micro strip line width=1.3mm/50 ohm,er:4.8,t=0.8mm
W:line width=1.0mm
43pF
100pF
L5
L4
5.5mm
3mm
22pF
L3
1mm
3mm
3mm
L2
2.5mm
100pF
12pF
RF-in
4mm
24pF
W
4.7K ohm
C2
22μF,50V
8pF
0.5mm
10mm
4mm
21mm
5mm
1mm
3mm
L1
2.5mm
21mm
5.5mm
100pF
RF-OUT
Vgg
Vdd
RD07MUS2B
(f=450-527MHz)
L1:Enameled wire 5 Turns,D:0.43mm,2.46mm O.D
L2:Enameled wire 2 Turns,D:0.23mm,1.66mm O.D
C1,C2:1000pF,0.0022μF in parallel
Note:Board material Glass-Epoxy substrate
Micro strip line width=1.3mm/50 ohm,er:4.8,t=0.8mm
W:line width=1.0mm
8pF
9pF
24pF
4.5mm
6mm
L2
7.5mm
C1
5.5mm
1mm
8pF
12pF
54pF
W


Similar Part No. - RD07MUS2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
878Kb / 17P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz 7W
RD07MUS2B MITSUBISHI-RD07MUS2B_10 Datasheet
878Kb / 17P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz 7W
More results

Similar Description - RD07MUS2B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD07MUS2B MITSUBISHI-RD07MUS2B_10 Datasheet
878Kb / 17P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,527MHz,870MHz 7W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_10 Datasheet
219Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_11 Datasheet
446Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_11 Datasheet
453Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_10 Datasheet
213Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MUS2B MITSUBISHI-RD07MUS2B Datasheet
565Kb / 14P
   RF POWER MOS FET Silicon MOSFET Power Transistor,175MHz,527MHz,7W
RD01MUS2B MITSUBISHI-RD01MUS2B Datasheet
2Mb / 15P
   RoHS Compliance, Silicon MOSFET Power Transistor 527MHz,1W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com