Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS7003 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TS7003
Description  A 300ksps, Single-supply, 12-Bit Serial-output ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS7003 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS7003_1 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS7003_1 Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TS7003
TS7003DS r1p0
Page 7
RTFDS
PIN FUNCTIONS
PIN
NAME
FUNCTION
1
VDD
Power Supply Voltage, +2.7V to +3.6V.
2
AIN
Analog Signal Input; Unipolar, 0 to VREF input range.
3
SH
Active-Low Shutdown Input. Toggling
SH
high-to-low powers down the TS7003 and reduces
the supply current to 0.2μA (typ).
4
GND
Analog and igital Ground. Connect the TS7003’s G
pin at one and only one point to the
system analog ground plane.
5
REF
Reference Voltage for Analog-to-Digital Conversion
– an internal 2.5V reference output. Bypass
with a good-
quality 4.7μF capacitor.
6
CS
Active-Low Chip Select. The
CS signal initiates the conversion process on its falling edge. When
the CS input is logic high, DOUT is high impedance.
7
DOUT
Serial-Data Output. DOUT tog
gles state on SCLK’s rising edge and is high impedance when CS
is logic high.
8
SCLK
Serial-Clock Input. The SCLK signal controls the conversion process and transfers output data
at rates up to 4.8MHz.
Figure 1: Output Loading Circuits for DOUT Enable Time (tDOE).
Figure 2: Output Loading Circuits for DOUT Disable Time (tDOD).


Similar Part No. - TS7003_1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS7003ITD833 SILABS-TS7003ITD833 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Touchstone Semiconducto...
TS7003ITD833T TOUCHSTONE-TS7003ITD833T Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003ITD833T SILABS-TS7003ITD833T Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Touchstone Semiconducto...
TS7003ITD833TP TOUCHSTONE-TS7003ITD833TP Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
More results

Similar Description - TS7003_1

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
TSM1285 SILABS-TSM1285 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Maxim Integrated Produc...
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com